Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX5887 Fiches technique(PDF) 6 Page - Maxim Integrated Products

No de pièce MAX5887
Description  3.3V, 14-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5887 Fiches technique(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5887 Datasheet HTML 2Page - Maxim Integrated Products MAX5887 Datasheet HTML 3Page - Maxim Integrated Products MAX5887 Datasheet HTML 4Page - Maxim Integrated Products MAX5887 Datasheet HTML 5Page - Maxim Integrated Products MAX5887 Datasheet HTML 6Page - Maxim Integrated Products MAX5887 Datasheet HTML 7Page - Maxim Integrated Products MAX5887 Datasheet HTML 8Page - Maxim Integrated Products MAX5887 Datasheet HTML 9Page - Maxim Integrated Products MAX5887 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
3.3V, 14-Bit, 500Msps High Dynamic
Performance DAC with Differential LVDS Inputs
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(AVDD = DVDD = VCLK = 3.3V, external reference, VREFIO = 1.25V, RL = 50Ω, IOUT = 20mA, TA = +25°C, unless otherwise noted.)
50
58
66
74
82
90
SFDR vs. TEMPERATURE
(fCLK = 300MHz, AOUT = -6dB FS, IOUT = 20mA)
TEMPERATURE (°C)
-40
10
-15
60
35
85
fOUT = 120MHz
fOUT = 10MHz
fOUT = 40MHz
fOUT = 80MHz
0
20
40
60
80
100
SFDR vs. OUTPUT FREQUENCY
(fCLK = 300MHz, AOUT = -6dB FS)
fOUT (MHz)
060
30
120
90
150
IOUT = 20mA
IOUT = 10mA
IOUT = 5mA
-1.0
-0.6
-0.8
0
-0.2
-0.4
0.4
0.2
1.0
0.8
0.6
DIFFERENTIAL NONLINEARTIY
vs. DIGITAL INPUT CODE
DIGITAL INPUT CODE
0
10000
2000
6000
18000
14000
-1.5
-0.9
-1.2
-0.6
0
-0.3
0.3
1.2
0.9
0.6
1.5
INTEGRAL NONLINEARITY
vs. DIGITAL INPUT CODE
DIGITAL INPUT CODE
0
6000
2000
10000
18000
14000
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
26
30
28
34
32
36
38
8-TONE MULTITONE POWER RATIO PLOT
(fCLK = 300MHz, fCENTER = 31.9702MHz)
fOUT (MHz)
fT2
fT6
fT3
fT7
fT4
fT8
fT1
fT5
fT1 = 28.0151MHz
fT2 = 29.0405MHz
fT3 = 30.0659MHz
fT4 = 31.0181MHz
fT5 = 33.06881MHz
fT6 = 34.0209MHz
fT7 = 35.0464MHz
fT8 = 36.0718MHz
AOUT = -18dB FS
BW = 12MHz
80
120
160
200
240
280
POWER DISSIPATION vs. CLOCK FREQUENCY
(fOUT = 10MHz, AOUT = 0dB FS, IOUT = 20mA)
fCLK (MHz)
100
300
200
400
500
120
125
135
130
140
145
150
POWER DISSIPATION vs. SUPPLY VOLTAGE
(fCLK = 100MHz, fOUT = 10MHz, IFS = 20mA)
SUPPLY VOLTAGE (V)
3.135
3.300
3.245
3.190
3.355
3.410
3.465
EXTERNAL REFERENCE
INTERNAL REFERENCE


Numéro de pièce similaire - MAX5887

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX5887 MAXIM-MAX5887 Datasheet
761Kb / 10P
   Quick Dynamic Performance Evaluation
Rev 1; 1/21
MAX5887EGK-D++ MAXIM-MAX5887EGK-D+ Datasheet
761Kb / 10P
   Quick Dynamic Performance Evaluation
Rev 1; 1/21
MAX5887EVKIT# MAXIM-MAX5887EVKIT# Datasheet
761Kb / 10P
   Quick Dynamic Performance Evaluation
Rev 1; 1/21
More results

Description similaire - MAX5887

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX5888 MAXIM-MAX5888 Datasheet
746Kb / 18P
   3.3V, 16-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2726; Rev 3; 12/03
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
   3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
MAX5884 MAXIM-MAX5884 Datasheet
491Kb / 10P
   3.3V, 14-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2825; Rev 1; 12/03
MAX5891 MAXIM-MAX5891 Datasheet
412Kb / 15P
   16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs
Rev 0; 2/05
MAX5878 MAXIM-MAX5878 Datasheet
511Kb / 18P
   16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
Rev 0; 2/05
MAX5885 MAXIM-MAX5885 Datasheet
862Kb / 10P
   3.3V, 16-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2786; Rev 1; 12/03
MAX5883 MAXIM-MAX5883 Datasheet
634Kb / 16P
   3.3V, 12-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2824; Rev 1; 12/03
MAX5195 MAXIM-MAX5195 Datasheet
595Kb / 17P
   14-Bit, 260Msps High-Dynamic Performance DAC
Rev 0; 7/02
MAX5894 MAXIM-MAX5894_07 Datasheet
403Kb / 33P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 1; 4/07
MAX5894 MAXIM-MAX5894_08 Datasheet
299Kb / 32P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com