Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM108AQML Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce LM108AQML
Description  LM108-N/LM108AQML Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM108AQML Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LM108AQML_15 Datasheet HTML 2Page - Texas Instruments LM108AQML_15 Datasheet HTML 3Page - Texas Instruments LM108AQML_15 Datasheet HTML 4Page - Texas Instruments LM108AQML_15 Datasheet HTML 5Page - Texas Instruments LM108AQML_15 Datasheet HTML 6Page - Texas Instruments LM108AQML_15 Datasheet HTML 7Page - Texas Instruments LM108AQML_15 Datasheet HTML 8Page - Texas Instruments LM108AQML_15 Datasheet HTML 9Page - Texas Instruments LM108AQML_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LM108-N, LM108AQML
SNOSAH4B – MARCH 2005 – REVISED MARCH 2013
www.ti.com
LM108-N Electrical Characteristics DC Parameters (continued)
The following conditions apply to all the following parameters, unless otherwise specified.
VCC = ±20V, VCM = 0V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
CMRR
Common Mode Rejection Ratio
-15V <= VCM <= 15V
85
dB
1, 2, 3
+IOS
Short Circuit Current
VCC = ±15V
-30
-1.0
mA
1, 2, 3
-IOS
Short Circuit Current
VCC = ±15V
1
30
mA
1, 2, 3
ICC
Power Supply Current
0.6
mA
1
0.4
mA
2
0.8
mA
3
RIN
Input Resistance
See(1)
30
M
1
VIN
Input Voltage Range
VCC = ±15V
See(2)
14
V
1, 2
See(2)
−14
V
1, 2
See(2)
13.5
V
3
See(2)
−13.
V
3
5
See(2)
15
V
1, 2, 3
See(2)
−15
V
1, 2, 3
+VOP
Output Voltage Swing
VCC = ±15V, RL = 10KΩ
13
V
4, 5, 6
-VOP
Output Voltage Swing
VCC = ±15V, RL = 10KΩ
-13
V
4, 5, 6
+AVS
Open Loop Voltage Gain
VCC = ±15V, RL = 10KΩ,
See(3)
50
V/mV
4
Vout = 0 to 10V
See(3)
25
V/mV
5, 6
-AVS
Open Loop Voltage Gain
VCC = ±15V, RL = 10KΩ
See(3)
50
V/mV
4
Vout = 0 to -10V
See(3)
25
V/mV
5, 6
(1)
Ensured parameter not tested.
(2)
Parameter tested Go-No-Go
(3)
Datalog reading in K = V/mV
LM108-N Electrical Characteristics AC Parameters
The following conditions apply to all the following parameters, unless otherwise specified.
VCC = ±20V, VCM = 0V.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
TRTR
Rise Time
See(1)
1.0
µS
7
TROS
Overshoot
See(1)
30
%
7
(1)
Ensured parameter not tested.
LM108-NA Electrical Characteristics DC Parameters
The following conditions apply to all the following parameters, unless otherwise specified.
VCC = ±20V, VCM = 0V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
VIO
Input Offset Voltage
VCM = -15V
-0.5
0.5
mV
1
-1.0
1.0
mV
2, 3
VCM = 15V
-0.5
0.5
mV
1
-1.0
1.0
mV
2, 3
-0.5
0.5
mV
1
-1.0
1.0
mV
2, 3
VCC =±5V
-0.5
0.5
mV
1
-1.0
1.0
mV
2, 3
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM108-N LM108AQML


Numéro de pièce similaire - LM108AQML_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM108AQML TI1-LM108AQML Datasheet
689Kb / 21P
[Old version datasheet]   Operational Amplifiers
More results

Description similaire - LM108AQML_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM108-N TI-LM108-N Datasheet
791Kb / 22P
[Old version datasheet]   LM108/LM108AQML Operational Amplifiers
LM208-N TI1-LM208-N Datasheet
1Mb / 20P
[Old version datasheet]   LM108/LM208/LM308 Operational Amplifiers
logo
Rochester Electronics
LM108 ROCHESTER-LM108 Datasheet
337Kb / 4P
   OPERATIONAL AMPLIFIER Industry Part Number LM108
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Texas Instruments
LM318N TI-LM318N Datasheet
1Mb / 25P
[Old version datasheet]   LM118-N/lm218-N/LM318-N Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com