Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM108AQML Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce LM108AQML
Description  LM108-N/LM108AQML Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM108AQML Fiches technique(HTML) 5 Page - Texas Instruments

  LM108AQML_15 Datasheet HTML 1Page - Texas Instruments LM108AQML_15 Datasheet HTML 2Page - Texas Instruments LM108AQML_15 Datasheet HTML 3Page - Texas Instruments LM108AQML_15 Datasheet HTML 4Page - Texas Instruments LM108AQML_15 Datasheet HTML 5Page - Texas Instruments LM108AQML_15 Datasheet HTML 6Page - Texas Instruments LM108AQML_15 Datasheet HTML 7Page - Texas Instruments LM108AQML_15 Datasheet HTML 8Page - Texas Instruments LM108AQML_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LM108-N, LM108AQML
www.ti.com
SNOSAH4B – MARCH 2005 – REVISED MARCH 2013
Table 1. Quality Conformance Inspection(1)
Subgroup
Description
Temp (°C)
1
Static tests at
+25°C
2
Static tests at
+125°C
3
Static tests at
−55°C
4
Dynamic tests at
+25°C
5
Dynamic tests at
+125°C
6
Dynamic tests at
−55°C
7
Functional tests at
+25°C
8A
Functional tests at
+125°C
8B
Functional tests at
−55°C
9
Switching tests at
+25°C
10
Switching tests at
+125°C
11
Switching tests at
−55°C
(1)
Mil-Std-883, Method 5005 - Group A
LM108-N Electrical Characteristics DC Parameters
The following conditions apply to all the following parameters, unless otherwise specified.
VCC = ±20V, VCM = 0V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
VIO
Input Offset Voltage
VCM = -15V
-2.0
2.0
mV
1
-3.0
3.0
mV
2, 3
VCM = 15V
-2.0
2.0
mV
1
-3.0
3.0
mV
2, 3
-2.0
2.0
mV
1
-3.0
3.0
mV
2, 3
VCC =±5V
-2.0
2,0
mV
1
-3.0
3.0
mV
2, 3
IIO
Input Offset Current
VCM = -15V
-0.2
0.2
nA
1
-0.4
0.4
nA
2, 3
VCM = 15V
-0.2
0.2
nA
1
-0.4
0.4
nA
2, 3
-0.2
0.2
nA
1
-0.4
0.4
nA
2, 3
VCC = ±5V
-0.2
0.2
nA
1
-0.4
0.4
nA
2, 3
±IIB
Input Bias Current
VCM = -15V
-0.1
2.0
nA
1
-1.0
3.0
nA
2,
−0.1
3.0
nA
3
VCM = 15V
-0.1
2.0
nA
1
-1.0
3.0
nA
2,
−0.1
3.0
nA
3
-0.1
2.0
nA
1
-1.0
3.0
nA
2,
−0.1
3.0
nA
3
VCC = ±5V
-0.1
2.0
nA
1
-1.0
3.0
nA
2,
−0.1
3.0
nA
3
PSRR
Power Supply Rejection ±Ratio
±20V <= Vcc <= ±5V
80
dB
1, 2, 3
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM108-N LM108AQML


Numéro de pièce similaire - LM108AQML_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM108AQML TI1-LM108AQML Datasheet
689Kb / 21P
[Old version datasheet]   Operational Amplifiers
More results

Description similaire - LM108AQML_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM108-N TI-LM108-N Datasheet
791Kb / 22P
[Old version datasheet]   LM108/LM108AQML Operational Amplifiers
LM208-N TI1-LM208-N Datasheet
1Mb / 20P
[Old version datasheet]   LM108/LM208/LM308 Operational Amplifiers
logo
Rochester Electronics
LM108 ROCHESTER-LM108 Datasheet
337Kb / 4P
   OPERATIONAL AMPLIFIER Industry Part Number LM108
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Texas Instruments
LM318N TI-LM318N Datasheet
1Mb / 25P
[Old version datasheet]   LM118-N/lm218-N/LM318-N Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com