Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX5171 Fiches technique(PDF) 5 Page - Maxim Integrated Products

No de pièce MAX5171
Description  Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5171 Fiches technique(HTML) 5 Page - Maxim Integrated Products

  MAX5171 Datasheet HTML 1Page - Maxim Integrated Products MAX5171 Datasheet HTML 2Page - Maxim Integrated Products MAX5171 Datasheet HTML 3Page - Maxim Integrated Products MAX5171 Datasheet HTML 4Page - Maxim Integrated Products MAX5171 Datasheet HTML 5Page - Maxim Integrated Products MAX5171 Datasheet HTML 6Page - Maxim Integrated Products MAX5171 Datasheet HTML 7Page - Maxim Integrated Products MAX5171 Datasheet HTML 8Page - Maxim Integrated Products MAX5171 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Low-Power, Serial, 14-Bit DACs
with Force/Sense Voltage Output
_______________________________________________________________________________________
5
Note 1: INL guaranteed between codes 64 and 16383.
Note 2: Offset is measured at the code that comes closest to 10mV.
Note 3: Accuracy is better than 1.0 LSB for VOUT = 10mV to VDD - 180mV. Guaranteed by PSR test on end points.
Note 4: RL = open and digital inputs are either VDD or DGND.
Note 5: INL guaranteed between codes 128 and 16383.
ELECTRICAL CHARACTERISTICS—MAX5173 (continued)
(VDD = +2.7V to +3.6V, VREF = 1.25V, AGND = DGND, FB = OUT, RL = 5kΩ, CL = 100pF referenced to ground, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C).
µA
110
Shutdown Current (Note 4)
ns
150
tCP
SCLK Clock Period
ns
75
tCH
SCLK Pulse Width High
ns
75
CONDITIONS
tCL
SCLK Pulse Width Low
ns
60
tCSS
CS Fall to SCLK Rise Setup
Time
ns
0
tCSS
SCLK Rise to CS Rise Hold
Time
ns
60
tDS
SDI Setup Time
ns
0
tDH
SDI Hold Time
CLOAD = 200pF
ns
200
tDO1
SCLK Rise to DOUT Valid
Propagation Delay
ns
75
tCS1
CS Rise to SCLK Rise Hold Time
CLOAD = 200pF
ns
200
tDO2
SCLK Fall to DOUT Valid
Propagation Delay
To ±0.5LSB, from 10mV to full-scale
µs
12
Output Settling Time
ns
10
tCS0
SCLK Rise to CS Fall Delay
ns
150
tCSW
CS Pulse Width High
V/µs
0.6
SR
Voltage Output Slew Rate
V
0
VDD
Output Voltage Swing (Note 3)
µA
-0.1
0
0.1
Current into FB
µs
40
Time Required to Exit Shutdown
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
CS = VDD, DIN = 50kHz; fSCLK = 100kHz,
VSCLK = 3Vp-p
nV-s
1
Digital Feedthrough
V
2.7
3.6
VDD
Positive Supply Voltage
mA
0.26
0.35
IDD
Power-Supply Current (Note 4)
DYNAMIC PERFORMANCE
POWER SUPPLIES
TIMING CHARACTERISTICS


Numéro de pièce similaire - MAX5171

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX517-MAX519 MAXIM-MAX517-MAX519 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5170AEEE MAXIM-MAX5170AEEE Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5170BEEE MAXIM-MAX5170BEEE Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
More results

Description similaire - MAX5171

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX5175 MAXIM-MAX5175 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
logo
Maxim Integrated Produc...
MAX5753 MAXIM-MAX5753 Datasheet
415Kb / 25P
   32-Channel, 14-Bit, Voltage-Output DACs with Serial Interface
19-3593; Rev 0; 11/05
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5132 MAXIM-MAX5132 Datasheet
280Kb / 20P
   5V/3V, 13-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5122 MAXIM-MAX5122 Datasheet
285Kb / 20P
   5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com