Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS79733-EP Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS79733-EP
Description  ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS79733-EP Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS79733-EP Datasheet HTML 4Page - Texas Instruments TPS79733-EP Datasheet HTML 5Page - Texas Instruments TPS79733-EP Datasheet HTML 6Page - Texas Instruments TPS79733-EP Datasheet HTML 7Page - Texas Instruments TPS79733-EP Datasheet HTML 8Page - Texas Instruments TPS79733-EP Datasheet HTML 9Page - Texas Instruments TPS79733-EP Datasheet HTML 10Page - Texas Instruments TPS79733-EP Datasheet HTML 11Page - Texas Instruments TPS79733-EP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.ti.com
APPLICATION INFORMATION
C1
0.1
µF
PG
OUT
4
3
IN
NC
GND
2
1
5
VO
0.47
µF
+
TPS797xx
100 k
+
External Capacitor Requirements
Power Dissipation and Junction Temperature
The maximum-power-dissipation limit is determined using the following equation:
P
D(max) +
T
J
max * TA
RθJA
TPS79718-EP, TPS79730-EP, TPS79733-EP
SGLS348A – AUGUST 2006 – REVISED OCTOBER 2007
The TPS797xx family of low-dropout (LDO) regulators haS been optimized for use in micropower applications.
The devices feature extremely low dropout voltages and ultralow quiescent current (1.2
µA typ).
A typical application circuit is shown in Figure 14.
Figure 14. Typical Application Circuit
Although not required, a 0.1
µF or larger input bypass capacitor, connected between IN and GND and located
close to the TPS797xx, is recommended, especially when a highly resistive power supply is powering the LDO in
addition to other devices.
Like all low-dropout regulators, the TPS797xx requires an output capacitor connected between OUT and GND to
stabilize the internal control loop. The minimum recommended capacitance is 0.47
µF. Any 0.47 µF capacitor is
suitable. Capacitor values larger than 0.47
µF are acceptable.
Specified regulator operation is assured to a junction temperature of 125
°C; restrict the maximum junction
temperature to 125
°C under normal operating conditions. This restriction limits the power dissipation the
regulator can handle in any given application. To ensure the junction temperature is within acceptable limits,
calculate the maximum allowable dissipation, PD(max), and the actual dissipation, PD, which must be less than or
equal to PD(max).
Where:
TJmax is the maximum allowable junction temperature.
RθJA is the thermal resistance junction-to-ambient for the package (see the Power Dissipation Rating Table).
TA is the ambient temperature.
The regulator dissipation is calculated using:
PD = (VI - VO) × IO
Power dissipation resulting from quiescent current is negligible. Excessive power dissipation triggers the thermal
protection circuit.
8
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS79718-EP TPS79730-EP TPS79733-EP


Numéro de pièce similaire - TPS79733-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79733-Q1 TI-TPS79733-Q1 Datasheet
236Kb / 13P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-223 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUPUT
TPS79733-Q1 TI1-TPS79733-Q1 Datasheet
330Kb / 15P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
More results

Description similaire - TPS79733-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79718-EP TI1-TPS79718-EP Datasheet
460Kb / 15P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-EP TI-TPS79718-EP_15 Datasheet
804Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-Q1 TI1-TPS79718-Q1_16 Datasheet
330Kb / 15P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718 TI-TPS79718 Datasheet
232Kb / 11P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718 TI1-TPS79718_12 Datasheet
636Kb / 17P
[Old version datasheet]   Ultra-Low IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
TPS79718-Q1 TI-TPS79718-Q1_15 Datasheet
318Kb / 15P
[Old version datasheet]   ULTRALOW-POWER SC70/SOR-323 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS77401-EP TI1-TPS77401-EP Datasheet
463Kb / 23P
[Old version datasheet]   250-mA LDO VOLTAGE REGULATOR WITH POWER-GOOD OUTPUT
TPS797 TI-TPS797 Datasheet
905Kb / 18P
[Old version datasheet]   Ultralow IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
logo
Rohm
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com