Moteur de recherche de fiches techniques de composants électroniques |
|
AD4C741 Fiches technique(PDF) 1 Page - Solid State Optronic |
|
AD4C741 Fiches technique(HTML) 1 Page - Solid State Optronic |
1 / 8 page © 2013 Solid State Optronics • San José, CA www.ssousa.com • +1.408.293.4600 AD4C741 /H/S/TR Rev 2.00 (11/25/2013) 001747 Page 1 of 8 AD4C741 Dual 1 Form A 60V / 250mΩ MOSFET Output Solid State Relay Description The AD4C741 is composed of two distinct 1 Form A (normally open) relays in one compact 8 pin DIP package. It is designed to replace electro-mechanical relays in general purpose switching applications. Each relay consists of an AlGaAs LED optically coupled to a Photo Diode Array, driving a pair of rugged source-to-source enhancement type DMOS transistors. The output MOS transistors have extremely low on resistance making the relays ideal where minimal signal attenuation is desired. The AD4C741 comes standard in a compact 8 pin DIP package making it ideal for high-density board applications. Schematic Diagram Agency Approvals UL/C-UL: File # E201932 VDE: File # 40035191 (EN 60747-5-2) Applications Reed Relay Replacement Meter Reading Systems Data Acquisition Medical Equipment Battery Monitoring Safety Systems Absolute Maximum Ratings The values indicated are absolute stress ratings. Functional operation of the device is not implied at these or any conditions in excess of those defined in electrical characteristics section of this document. Exposure to absolute Maximum Ratings may cause permanent damage to the device and may adversely affect reliability. Storage Temperature …………………………..-55 to +125°C Operating Temperature …………………………-40 to +85°C Continuous Input Current………………………………..40mA Transient Input Current …..…. ..……….……………..400mA Reverse Input Control Voltage …………..…………………5V Input Power Dissipation…………………………………40mW Output Power Dissipation ……………………………..800mW Solder Temperature – Wave (10sec)……………….….260°C Solder Temperature – IR Reflow (10sec)….…………..260°C Ordering Information Part Number Description AD4C741 8 pin DIP, (50/Tube) AD4C741-H 5kVRMS Viso, 8 pin DIP, (50/Tube) AD4C741-S 8 pin SMD, (50/Tube) AD4C741-HS 5kVRMS, 8 pin SMD, (50/Tube) AD4C741-STR 8 pin SMD, Tape and Reel (1000/Reel) AD4C741-HSTR 5kVRMS, 8 pin SMD, Tape and Reel (1000/Reel) NOTE: Suffixes listed above are not included in marking on device for part number identification Features Low On Resistance (170m TYP) Low Input Control Current (2.5mA TYP) 1A Maximum Continuous Load Current (Per Channel) High Isolation Voltage (up to 5kVRMS) Long Life / High Reliability RoHS / Pb-Free / REACH Compliant 1 2 3 6 7 8 (+) Input 1 (-) Input 1 (+) Input 2 (+/-) Load 2 (-/+) Load 1 (+/-) Load 1 AD4C741 4 5 (-) Input 2 (-/+) Load 2 |
Numéro de pièce similaire - AD4C741 |
|
Description similaire - AD4C741 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |