Moteur de recherche de fiches techniques de composants électroniques |
|
AD4C543 Fiches technique(PDF) 2 Page - Solid State Optronic |
|
AD4C543 Fiches technique(HTML) 2 Page - Solid State Optronic |
2 / 9 page © 2013 Solid State Optronics • San José, CA www.ssousa.com • +1.408.293.4600 Page 2 of 9 AD4C543 H/S/TR Rev 2.00 (11/25/2013) 001751 AD4C543 1 Form A / 1 Form B 60V / 2Ω MOSFET Output Solid State Relay Parameter Symbol Min. Typ. Max. Units Test Conditions Input Specifications LED Forward Voltage VF - 1.2 1.5 V IF = 10mA LED Reverse Voltage BVR 5 - - V IR = 10μA Turn-On Current (Form A – Normally Open) IF(NO) - 2.5 5 mA IO = 400mA Turn-On Current (Form B – Normally Closed) IF(NC) - 0.5 - mA IO = 400mA Turn-Off Current (Form A – Normally Open) IFOFF(NO) - 0.5 - mA IO = 400mA Turn-Off Current (Form B – Normally Open) IFOFF(NC) - 2.5 5 mA IO = 400mA Output Specifications – Form A (Normally Open) Blocking Voltage VB 60 - - V IO=1A Continuous Load Current IO - - 400 mA IF=5mA On Resistance RON - 1 2 Ω IF=5mA, IO=400mA Leakage Current IOleak - 0.2 1 A IF=0mA, VO=60V Output Capacitance COUT - 25 - pF VO=25V, f=1.0MHz Offset Voltage VOFFSET - - 0.2 mV IF=5mA Turn-On Time TON - 2 5 mS IF=5mA, IO=400mA Turn-Off Time TOFF - 0.05 5 mS IF=0mA, IO=400mA Output Specifications – Form B (Normally Closed) Blocking Voltage VB 60 - - V IF=5mA, IO=1A Continuous Load Current IO - - 400 mA IF=0mA On Resistance RON - 1 2 Ω IF=0mA, IO=400mA Leakage Current IOleak - 0.2 1 A IF=5mA, VO=60V Output Capacitance COUT - 25 - pF IF=5mA, f=1.0MHz Offset Voltage VOFFSET - - 0.2 mV IF=0mA Turn-On Time TON - 0.1 5 mS IF=0mA, IO=400mA Turn-Off Time TOFF - 2 5 mS IF=5mA, IO=400mA Coupled Specifications Coupled Capacitance CCOUPLED - 3 - pF Contact Transient Ratio - 2,000 7,000 0 V/ S dV = 50V Isolation Specifications Isolation Voltage VISO 3750 - - VRMS RH ≤ 50%, t=1min (-H Option) 5000 - - Input-Output Resistance RI-O - 10 12 - VI-O = 500VDC Electrical Characteristics, TA = 25°C (unless otherwise specified) |
Numéro de pièce similaire - AD4C543 |
|
Description similaire - AD4C543 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |