Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4C331 Fiches technique(PDF) 3 Page - Solid State Optronic

No de pièce AD4C331
Description  200mA maximum continuous load current
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSOUSA [Solid State Optronic]
Site Internet  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C331 Fiches technique(HTML) 3 Page - Solid State Optronic

  AD4C331_15 Datasheet HTML 1Page - Solid State Optronic AD4C331_15 Datasheet HTML 2Page - Solid State Optronic AD4C331_15 Datasheet HTML 3Page - Solid State Optronic AD4C331_15 Datasheet HTML 4Page - Solid State Optronic AD4C331_15 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AD4C331
Dual 1 Form A
Solid State Relay
PERFORMANCE DATA
0
10
20
30
40
50
60
0
0.04 0.08 0.12 0.16 0.2 0.24 0.28
Turn-Off Tim e (m s)
AD4C331
Typical Turn-Off Time Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
5.25 5.5 5.75
6
6.25 6.5 6.75
7
On-Resistance (ohm s)
AD4C331
0
20
40
60
80
100
0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5
Leakage Current (uA)
Typical On-Resistance Distribution
N = 100, Ambient Temperature = 25°C
AD4C331
Typical Leakage Current Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
260 265 270 275 280 285 290 295
Blocking Voltage (V)
AD4C331
0
50
100
150
200
250
Tem perature (C)
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
AD4C331
Maximum Load Current vs. Temperature
0
10
20
30
40
50
60
0.6
1
1.4
1.8
2.2
2.6
3
3.4
Turn-On Tim e (m s)
AD4C331
Typical Turn-On Time Distribution
N = 100, Ambient Temperature = 25°C
www.ssousa.com • +1.408.293.4600
Page 3 of 5
AD4C331
rev 1.40 (10/25/2004)
© 2004 Solid State Optronics • San José, CA


Numéro de pièce similaire - AD4C331_15

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD4C331 SSOUSA-AD4C331 Datasheet
167Kb / 4P
   Dual 1 Form A Solid State Relay
More results

Description similaire - AD4C331_15

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD4C333 SSOUSA-AD4C333_15 Datasheet
366Kb / 9P
   200mA Maximum Continuous Load Current
AD4C212 SSOUSA-AD4C212_15 Datasheet
220Kb / 5P
   140mA maximum continuous load current
AD6C431 SSOUSA-AD6C431 Datasheet
205Kb / 5P
   400mA maximum continuous load current
AD4C313 SSOUSA-AD4C313 Datasheet
357Kb / 9P
   180mA Maximum Continuous Load Current
SDM4101 SSOUSA-SDM4101 Datasheet
215Kb / 6P
   High Continuous Load Current (3.4A)
SMA4115 SSOUSA-SMA4115 Datasheet
201Kb / 6P
   High Continuous Load Current (3.4A)
SDM4102 SSOUSA-SDM4102 Datasheet
223Kb / 6P
   High Continuous Load Current (3.4A)
SMB4115 SSOUSA-SMB4115 Datasheet
215Kb / 6P
   High Continuous Load Current (3.4A)
AD2C841 SSOUSA-AD2C841 Datasheet
334Kb / 8P
   High Continuous Load Current (2.5A MAX)
SMA4120 SSOUSA-SMA4120 Datasheet
222Kb / 6P
   High Load Current (0.5A MAX Continuous)
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com