Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4C313 Fiches technique(PDF) 2 Page - Solid State Optronic

No de pièce AD4C313
Description  180mA Maximum Continuous Load Current
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSOUSA [Solid State Optronic]
Site Internet  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C313 Fiches technique(HTML) 2 Page - Solid State Optronic

  AD4C313 Datasheet HTML 1Page - Solid State Optronic AD4C313 Datasheet HTML 2Page - Solid State Optronic AD4C313 Datasheet HTML 3Page - Solid State Optronic AD4C313 Datasheet HTML 4Page - Solid State Optronic AD4C313 Datasheet HTML 5Page - Solid State Optronic AD4C313 Datasheet HTML 6Page - Solid State Optronic AD4C313 Datasheet HTML 7Page - Solid State Optronic AD4C313 Datasheet HTML 8Page - Solid State Optronic AD4C313 Datasheet HTML 9Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 9
AD4C313 H/S/TR
Rev 2.00 (11/25/2013)
001750
AD4C313
1 Form A / 1 Form B
400V / 15 Ω
MOSFET Output Solid State Relay
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Specifications
LED Forward Voltage
VF
-
1.2
1.5
V
IF = 10mA
LED Reverse Voltage
BVR
5
-
-
V
IR = 10μA
Turn-On Current (Form A – Normally Open)
IF(NO)
-
2.5
5
mA
IO = 180mA
Turn-On Current (Form B – Normally Closed)
IF(NC)
-
0.5
-
mA
IO = 180mA
Turn-Off Current (Form A – Normally Open)
IFOFF(NO)
-
0.5
-
mA
IO = 180mA
Turn-Off Current (Form B – Normally Open)
IFOFF(NC)
-
2.5
5
mA
IO = 180mA
Output Specifications – Form A (Normally Open)
Blocking Voltage
VB
400
-
-
V
IO=1A
Continuous Load Current
IO
-
-
180
mA
IF=5mA
On Resistance
RON
-
12
15
IF=5mA, IO=180mA
Leakage Current
IOleak
-
0.2
1
A
IF=0mA, VO=400V
Output Capacitance
COUT
-
25
-
pF
VO=25V, f=1.0MHz
Offset Voltage
VOFFSET
-
-
0.2
mV
IF=5mA
Turn-On Time
TON
-
2
5
mS
IF=5mA, IO=180mA
Turn-Off Time
TOFF
-
0.05
5
mS
IF=0mA, IO=180mA
Output Specifications – Form B (Normally Closed)
Blocking Voltage
VB
400
-
-
V
IF=5mA, IO=1A
Continuous Load Current
IO
-
-
180
mA
IF=0mA
On Resistance
RON
-
12
15
IF=0mA, IO=180mA
Leakage Current
IOleak
-
0.2
1
A
IF=5mA, VO=400V
Output Capacitance
COUT
-
25
-
pF
IF=5mA, f=1.0MHz
Offset Voltage
VOFFSET
-
-
0.2
mV
IF=0mA
Turn-On Time
TON
-
0.1
5
mS
IF=0mA, IO=180mA
Turn-Off Time
TOFF
-
2
5
mS
IF=5mA, IO=180mA
Coupled Specifications
Coupled Capacitance
CCOUPLED
-
3
-
pF
Contact Transient Ratio
-
2,000
7,000
0
V/
S
dV = 50V
Isolation Specifications
Isolation Voltage
VISO
3750
-
-
VRMS
RH ≤ 50%, t=1min
(-H Option)
5000
-
-
Input-Output Resistance
RI-O
-
10
12
-

VI-O = 500VDC
Electrical Characteristics, TA = 25°C (unless otherwise specified)


Numéro de pièce similaire - AD4C313

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD4C311 SSOUSA-AD4C311 Datasheet
209Kb / 5P
   Dual 1 Form A Solid State Relay
AD4C311-L SSOUSA-AD4C311-L Datasheet
220Kb / 5P
   Current limit protection
AD4C312 SSOUSA-AD4C312 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
More results

Description similaire - AD4C313

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD4C212 SSOUSA-AD4C212_15 Datasheet
220Kb / 5P
   140mA maximum continuous load current
AD4C331 SSOUSA-AD4C331_15 Datasheet
213Kb / 5P
   200mA maximum continuous load current
AD6C431 SSOUSA-AD6C431 Datasheet
205Kb / 5P
   400mA maximum continuous load current
AD4C333 SSOUSA-AD4C333_15 Datasheet
366Kb / 9P
   200mA Maximum Continuous Load Current
SDM4101 SSOUSA-SDM4101 Datasheet
215Kb / 6P
   High Continuous Load Current (3.4A)
SMA4115 SSOUSA-SMA4115 Datasheet
201Kb / 6P
   High Continuous Load Current (3.4A)
SDM4102 SSOUSA-SDM4102 Datasheet
223Kb / 6P
   High Continuous Load Current (3.4A)
SMB4115 SSOUSA-SMB4115 Datasheet
215Kb / 6P
   High Continuous Load Current (3.4A)
AD2C841 SSOUSA-AD2C841 Datasheet
334Kb / 8P
   High Continuous Load Current (2.5A MAX)
SMA4120 SSOUSA-SMA4120 Datasheet
222Kb / 6P
   High Load Current (0.5A MAX Continuous)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com