Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4C311-L Fiches technique(PDF) 2 Page - Solid State Optronic

No de pièce AD4C311-L
Description  Current limit protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSOUSA [Solid State Optronic]
Site Internet  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C311-L Fiches technique(HTML) 2 Page - Solid State Optronic

  AD4C311-L Datasheet HTML 1Page - Solid State Optronic AD4C311-L Datasheet HTML 2Page - Solid State Optronic AD4C311-L Datasheet HTML 3Page - Solid State Optronic AD4C311-L Datasheet HTML 4Page - Solid State Optronic AD4C311-L Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AD4C311-L
Dual 1 Form A
Solid State Relay
ELECTRICAL CHARACTERISTICS - 25°C
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
LED Forward Voltage
V
1.2
1.5
If = 10mA
LED Reverse Voltage
V
612
Ir = 10uA
Turn-On Current
m
2.5
5
Io = 200mA
A
Turn-Off Current
m
0.5
A
OUTPUT SPECIFICATIONS
Blocking Voltage
V
400
Io = 1uA
Continuous Load Current
m
200
If = 5mA
A
Current Limit
m
250
300
330
If = 5mA
A
On-Resistance
11
15
Io = 200mA
Leakage Current
µ
0.2
1
Vo = 400V
A
Output Capacitance
p
25
50
Vo = 25V, f = 1.0MHz
F
Offset Voltage
m
0.2
If = 5mA
V
COUPLED SPECIFICATIONS
Isolation Voltage
V
3750
T = 1 minute
Turn-On Time
m
2
5
If = 5mA, Io = 200mA
s
Turn-Off Time
m
0.04
1
If = 0mA, Io = 200mA
s
Isolation Resistance
G
100
Coupled Capacitance
p
2
F
Contact Transient Ratio
V
2000
7000
dV = 50V
/
µ s
www.ssousa.com • +1.408.293.4600
Page 2 of 5
AD4C311-L
rev 1.41 (4/20/2010)
© 2010 Solid State Optronics • San José, CA


Numéro de pièce similaire - AD4C311-L

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD4C311 SSOUSA-AD4C311 Datasheet
209Kb / 5P
   Dual 1 Form A Solid State Relay
More results

Description similaire - AD4C311-L

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Monolithic Sys...
AMS3131 ADMOS-AMS3131 Datasheet
319Kb / 9P
   Current Limit protection
AMS3132 ADMOS-AMS3132 Datasheet
439Kb / 10P
   Current Limit protection
logo
Unisonic Technologies
LR1112G-XX-AE5-R UTC-LR1112G-XX-AE5-R Datasheet
177Kb / 6P
   Current limit protection
logo
Solid State Optronic
AD4C111-L SSOUSA-AD4C111-L_15 Datasheet
221Kb / 5P
   Current Limit Protection
logo
Advanced Monolithic Sys...
AMS3109 ADMOS-AMS3109 Datasheet
584Kb / 10P
   Current Limit protection
AMS3121 ADMOS-AMS3121 Datasheet
327Kb / 9P
   Current Limit protection
logo
Maxim Integrated Produc...
MAX14626EVKIT MAXIM-MAX14626EVKIT Datasheet
377Kb / 6P
   Evaluates Current-Limit Protection
Rev 0; 9/13
logo
SynQor Worldwide Headqu...
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
   Output current limit and short circuit protection
logo
Microsemi Corporation
NX2119 MICROSEMI-NX2119 Datasheet
499Kb / 16P
   SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT PROTECTION
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com