Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4C311-L Fiches technique(PDF) 1 Page - Solid State Optronic

No de pièce AD4C311-L
Description  Current limit protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSOUSA [Solid State Optronic]
Site Internet  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C311-L Fiches technique(HTML) 1 Page - Solid State Optronic

  AD4C311-L Datasheet HTML 1Page - Solid State Optronic AD4C311-L Datasheet HTML 2Page - Solid State Optronic AD4C311-L Datasheet HTML 3Page - Solid State Optronic AD4C311-L Datasheet HTML 4Page - Solid State Optronic AD4C311-L Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AD4C311-L
Dual 1 Form A
Solid State Relay
The AD4C311-L is a bi-directional, double-pole, single-throw, normally open solid-state relay. The combination of high load voltage, low
on-resistance, and current limit protection make the AD4C311-L a unique device.
The AD4C311-L combines two optically isolated, discrete, current limit protected SSRs in one compact 8 pin DIP/SMD package. Each
SSR is composed of an IR LED, optically coupled to an IC, which in turn drives back-to-back MOSFETs on the output. The IC provides
current limit protection. During transient current spikes, this circuitry limits the current on the output of the device, thereby offering an
additional measure of protection to itself and downstream components.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
Current limit protection
Low input control power consumption
200mA maximum continuous load current
15 ohms maximum on-resistance
Long life/high reliability
RoHS Compliant / Pb-Free / REACH Compliant
Multiplexers
Meter reading systems
Data Acquisition
Medical equipment
Battery monitoring
Home/Safety security systems
Surface Mount Leadform Option (50 pcs / tub
e)
-S
Tape and Reel Packing Option (1,000 pcs / re
el)
-TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Input Current
mA
40
Transient Input Current
mA
400
Reverse Input Control
Voltage
V
6
Output Power Dissipation
mW
800
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
UL / C-UL Approved: File # E90096
CSA Approved: File #LR111581-1
www.ssousa.com • +1.408.293.4600
Page 1 of 5
AD4C311-L
rev 1.41 (4/20/2010)
© 2010 Solid State Optronics • San José, CA


Numéro de pièce similaire - AD4C311-L

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD4C311 SSOUSA-AD4C311 Datasheet
209Kb / 5P
   Dual 1 Form A Solid State Relay
More results

Description similaire - AD4C311-L

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Monolithic Sys...
AMS3131 ADMOS-AMS3131 Datasheet
319Kb / 9P
   Current Limit protection
AMS3132 ADMOS-AMS3132 Datasheet
439Kb / 10P
   Current Limit protection
logo
Unisonic Technologies
LR1112G-XX-AE5-R UTC-LR1112G-XX-AE5-R Datasheet
177Kb / 6P
   Current limit protection
logo
Solid State Optronic
AD4C111-L SSOUSA-AD4C111-L_15 Datasheet
221Kb / 5P
   Current Limit Protection
logo
Advanced Monolithic Sys...
AMS3109 ADMOS-AMS3109 Datasheet
584Kb / 10P
   Current Limit protection
AMS3121 ADMOS-AMS3121 Datasheet
327Kb / 9P
   Current Limit protection
logo
Maxim Integrated Produc...
MAX14626EVKIT MAXIM-MAX14626EVKIT Datasheet
377Kb / 6P
   Evaluates Current-Limit Protection
Rev 0; 9/13
logo
SynQor Worldwide Headqu...
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
   Output current limit and short circuit protection
logo
Microsemi Corporation
NX2119 MICROSEMI-NX2119 Datasheet
499Kb / 16P
   SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT PROTECTION
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com