Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4C201 Fiches technique(PDF) 1 Page - Solid State Optronic

No de pièce AD4C201
Description  High Blocking Voltage (600V)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSOUSA [Solid State Optronic]
Site Internet  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C201 Fiches technique(HTML) 1 Page - Solid State Optronic

  AD4C201 Datasheet HTML 1Page - Solid State Optronic AD4C201 Datasheet HTML 2Page - Solid State Optronic AD4C201 Datasheet HTML 3Page - Solid State Optronic AD4C201 Datasheet HTML 4Page - Solid State Optronic AD4C201 Datasheet HTML 5Page - Solid State Optronic AD4C201 Datasheet HTML 6Page - Solid State Optronic AD4C201 Datasheet HTML 7Page - Solid State Optronic AD4C201 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
AD4C201 /H/S/TR
Rev 2.00 (11/25/2013)
001746
Page 1 of 8
AD4C201
Dual 1 Form A
600V / 20 Ω
MOSFET Output Solid State Relay
Description
The AD4C201 is a bi-directional, double-pole, single-throw,
normally open MOSFET output solid-state relay.
This
device offers two discrete and independently controlled
optically isolated SSRs in one miniature 8 pin package.
Each discrete relay consists of an infrared LED, optically
coupled to a Photo Diode Array, which in turn drives a pair
of back-to-back enhancement MOSFETs. Its high blocking
voltage (600V) and the integration of two devices in one
package make the AD4C201 ideal in high load voltage
applications where board space is limited.
The AD4C201 comes standard in a compact 8 pin DIP
package making it ideal for high-density board applications.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
EMR Replacement
Meter Reading Systems
Medical Equipment
Battery Monitoring
Multiplexers
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …………………………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current …..…. ..……….……………..400mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..800mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
AD4C201
8 pin DIP, (50/Tube)
AD4C201-H
5kVRMS Viso, 8 pin DIP, (50/Tube)
AD4C201-S
8 pin SMD, (50/Tube)
AD4C201-HS
5kVRMS, 8 pin SMD, (50/Tube)
AD4C201-STR
8 pin SMD, Tape and Reel (1000/Reel)
AD4C201-HSTR 5kVRMS, 8 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
 High Blocking Voltage (600V)
 Low Input Control Current (2.5mA TYP)
 150mA Maximum Continuous Load Current
 Low On Resistance (17 TYP)
 High Isolation Voltage (3.75kVRMS, Optional 5kVRMS)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant
1
2
3
6
7
8
(+) Input 1
(-) Input 1
(+) Input 2
(+/-) Load 2
(-/+) Load 1
(+/-) Load 1
AD4C201
4
5
(-) Input 2
(-/+) Load 2


Numéro de pièce similaire - AD4C201

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD4C211 SSOUSA-AD4C211 Datasheet
208Kb / 5P
   Dual 1 Form A Solid State Relay
AD4C211-L SSOUSA-AD4C211-L Datasheet
214Kb / 5P
   Dual 1 Form A Solid State Relay
AD4C211-L SSOUSA-AD4C211-L_15 Datasheet
218Kb / 5P
   Current limiting (over-current protection)
AD4C212 SSOUSA-AD4C212 Datasheet
208Kb / 5P
   Dual 1 Form B Solid State Relay
AD4C212 SSOUSA-AD4C212_15 Datasheet
220Kb / 5P
   140mA maximum continuous load current
More results

Description similaire - AD4C201

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD4C101 SSOUSA-AD4C101 Datasheet
224Kb / 5P
   High Blocking Voltage (600V)
AD2C101 SSOUSA-AD2C101_15 Datasheet
242Kb / 5P
   High Blocking Voltage (600V)
STR8062 SSOUSA-STR8062 Datasheet
357Kb / 8P
   High Blocking Voltage (600V)
AD6C101 SSOUSA-AD6C101_15 Datasheet
212Kb / 5P
   High Blocking Voltage (600V)
STZ8082 SSOUSA-STZ8082 Datasheet
400Kb / 9P
   High Blocking Voltage
STZ8062 SSOUSA-STZ8062 Datasheet
400Kb / 9P
   High Blocking Voltage
logo
NXP Semiconductors
BT139-800G NXP-BT139-800G Datasheet
194Kb / 14P
   High blocking voltage capability
Rev. 5-23 March 2011
logo
Solid State Optronic
AD6C010 SSOUSA-AD6C010 Datasheet
249Kb / 7P
   High Blocking Voltage (1200V)
AD6C011 SSOUSA-AD6C011 Datasheet
250Kb / 7P
   High Blocking Voltage (800V)
logo
NXP Semiconductors
BT138B-600-118 PHILIPS-BT138B-600-118 Datasheet
212Kb / 14P
   High blocking voltage capability
26 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com