Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4C113 Fiches technique(PDF) 1 Page - Solid State Optronic

No de pièce AD4C113
Description  Low Input Control Current (1.5mA TYP)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSOUSA [Solid State Optronic]
Site Internet  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C113 Fiches technique(HTML) 1 Page - Solid State Optronic

  AD4C113_15 Datasheet HTML 1Page - Solid State Optronic AD4C113_15 Datasheet HTML 2Page - Solid State Optronic AD4C113_15 Datasheet HTML 3Page - Solid State Optronic AD4C113_15 Datasheet HTML 4Page - Solid State Optronic AD4C113_15 Datasheet HTML 5Page - Solid State Optronic AD4C113_15 Datasheet HTML 6Page - Solid State Optronic AD4C113_15 Datasheet HTML 7Page - Solid State Optronic AD4C113_15 Datasheet HTML 8Page - Solid State Optronic AD4C113_15 Datasheet HTML 9Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
AD4C113/H/S/TR
Rev 2.00 (11/19/2012)
001536
Page 1 of 9
AD4C113
1 Form A / 1 Form B
400V / 35 Ω
MOSFET Output Solid State Relay
Description
The AD4C113 is composed of two isolated relays; one
normally open and one normally closed. Each relay has a
bi-directional, single-pole, single-throw contact. Completely
independent of its counterpart, each consists of an LED
driver that activates an integrated circuit, which in turn
drives a pair of DMOS transistors. These transistors are
protected with free-wheeling diodes that can handle up to
1.5A of inrush current, making the relay ideal for switching
lamps and highly inductive loads.
The AD4C113 comes standard in a miniature 8 pin DIP
package making it ideal for high-density board applications.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Meter Reading Systems
Multiplexers
Data Acquisition
Medical Equipment
Battery Monitoring
Home / Safety Security Systems
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …………………………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………6V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..800mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
AD4C113
8 pin DIP, (50/Tube)
AD4C113-H
3.75kVRMS Viso, 8 pin DIP, (50/Tube)
AD4C113-S
8 pin SMD, (50/Tube)
AD4C113-HS
3.75kVRMS, 8 pin SMD, (50/Tube)
AD4C113-STR
8 pin SMD, Tape and Reel (1000/Reel)
AD4C113-HSTR 3.75kVRMS, 8 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
 1 Form A / 1 Form B Integrated in 1 Package
 Low Input Control Current (1.5mA TYP)
 120mA Maximum Continuous Load Current
 Low On Resistance (35 MAX – Both Poles)
 High Isolation Voltage (2.5kVRMS, 3.75kVRMS -H Option)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant
1
2
3
6
7
8
(+) Input 1 (NC)
(-) Input 1 (NC)
(+) Input 2 (NO)
Load 2 (NO)
Load 1 (NC)
Load 1 (NC)
AD4C113
4
5
(-) Input 2 (NO)
Load 2 (NO)
NC: Normally Closed (Form B)
NO: Normally Open (Form A)


Numéro de pièce similaire - AD4C113_15

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
   1 Form A/1 Form B Solid State Relay
More results

Description similaire - AD4C113_15

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
SMA4123 SSOUSA-SMA4123 Datasheet
238Kb / 6P
   Low Input Control Current (1.5mA TYP)
AD4C542 SSOUSA-AD4C542 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD4C742 SSOUSA-AD4C742 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD6C941 SSOUSA-AD6C941 Datasheet
347Kb / 8P
   Low Input Control Current (1mA TYP)
AD4C543 SSOUSA-AD4C543 Datasheet
358Kb / 9P
   Low Input Control Current (2.5mA TYP)
AD4C312 SSOUSA-AD4C312 Datasheet
298Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD6C311 SSOUSA-AD6C311_15 Datasheet
339Kb / 8P
   Low Input Control Current (2.5mA TYP)
AD2C211-L SSOUSA-AD2C211-L Datasheet
325Kb / 8P
   Low Input Control Current (3mA TYP)
AD6C111 SSOUSA-AD6C111_15 Datasheet
339Kb / 8P
   Low Input Control Current (1.75mA TYP)
logo
Leshan Radio Company
LR339 LRC-LR339_15 Datasheet
134Kb / 6P
   Low input biasing current: 25nA(Typ.)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com