Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4C111 Fiches technique(PDF) 3 Page - Solid State Optronic

No de pièce AD4C111
Description  Two discrete 1 form A Relays in compact 8 pin DIP package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSOUSA [Solid State Optronic]
Site Internet  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C111 Fiches technique(HTML) 3 Page - Solid State Optronic

  AD4C111_15 Datasheet HTML 1Page - Solid State Optronic AD4C111_15 Datasheet HTML 2Page - Solid State Optronic AD4C111_15 Datasheet HTML 3Page - Solid State Optronic AD4C111_15 Datasheet HTML 4Page - Solid State Optronic AD4C111_15 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AD4C111
Dual 1 Form A
Solid State Relay
PERFORMANCE DATA
0
10
20
30
40
50
0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08
Turn-Off Tim e (ms)
AD4C111
Typical Turn-Off Time Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
50
15
15.5 16
16.5 17
17.5 18
18.5
On-Resistance (ohms)
AD4C111
0
10
20
30
40
50
60
0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08
Leakage Current (uA)
Typical On-Resistance Distribution
N = 100, Ambient Temperature = 25°C
AD4C111
Typical Leakage Current Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
50
60
380 400 420 440 460 480 500 520
Blocking Voltage (V)
AD4C111
0
50
100
150
Temperature (C)
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
AD4C111
Maximum Load Current vs. Temperature
0
10
20
30
40
50
0.6 0.65 0.7 0.75 0.8 0.85 0.9 0.95
Turn-On Tim e (ms)
AD4C111
Typical Turn-On Time Distribution
N = 100, Ambient Temperature = 25°C
www.ssousa.com • +1.408.293.4600
Page
3 of 5
AD4C111
rev 1.42 (2/4/2011)
© 2011 Solid State Optronics • San José, CA


Numéro de pièce similaire - AD4C111_15

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD4C111-E SSOUSA-AD4C111-E Datasheet
167Kb / 4P
   Dual 1 Form A Solid State Relay
AD4C111-L SSOUSA-AD4C111-L Datasheet
168Kb / 4P
   Dual 1 Form A Solid State Relay
AD4C111-L SSOUSA-AD4C111-L_15 Datasheet
221Kb / 5P
   Current Limit Protection
More results

Description similaire - AD4C111_15

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD4C250 SSOUSA-AD4C250_15 Datasheet
221Kb / 5P
   Two optically isolated SSRs in compact 8 pin DIP package
SM8024 SSOUSA-SM8024 Datasheet
240Kb / 7P
   Compact 8 pin DIP/SMD package
AD4C213 SSOUSA-AD4C213_15 Datasheet
358Kb / 9P
   1 Form A / 1 Form B Integrated in 1 Package
AD4C743 SSOUSA-AD4C743 Datasheet
358Kb / 9P
   1 Form A / 1 Form B Integrated in Single Package
logo
List of Unclassifed Man...
FS-355 ETC2-FS-355 Datasheet
443Kb / 2P
   Core processor module in compact 48-pin DIP form factor
logo
Microchip Technology
AC163021 MICROCHIP-AC163021 Datasheet
455Kb / 2P
   8-pin DIP pin 1
6/04
logo
Solid State Optronic
AD2C201 SSOUSA-AD2C201 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
AD6C542 SSOUSA-AD6C542 Datasheet
339Kb / 8P
   Compact 6 pin DIP/SMD Package
AD2C112 SSOUSA-AD2C112 Datasheet
334Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C641 SSOUSA-AD2C641 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com