Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4C111 Fiches technique(PDF) 1 Page - Solid State Optronic

No de pièce AD4C111
Description  Two discrete 1 form A Relays in compact 8 pin DIP package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSOUSA [Solid State Optronic]
Site Internet  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C111 Fiches technique(HTML) 1 Page - Solid State Optronic

  AD4C111_15 Datasheet HTML 1Page - Solid State Optronic AD4C111_15 Datasheet HTML 2Page - Solid State Optronic AD4C111_15 Datasheet HTML 3Page - Solid State Optronic AD4C111_15 Datasheet HTML 4Page - Solid State Optronic AD4C111_15 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AD4C111
Dual 1 Form A
Solid State Relay
The AD4C111 is a bi-directional, double-pole, single-throw, normally open multipurpose solid-state relay. It is designed to replace
electromechanical relays in general purpose switching applications. The relay consists of two integrated circuits, each driving a pair of
rugged source-to-source enhancement type DMOS transistors. Each integrated circuit is optically coupled to a light emitting diode. The
output MOS transistors are protected with free-wheeling diodes that can handle up to 1.5A of inrush current, making the relay ideal for
switching lamps and highly inductive loads.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
Two discrete 1 form A Relays in compact 8 pin DIP package
Low input control power consumption (2mA TYP)
120mA maximum continuous load current
30 ohms maximum on-resistance
High input-to-output isolation
Long life/high reliability
RoHS / Pb-Free / REACH Compliant
Multiplexers
Meter reading systems
Data Acquisition
Medical equipment
Battery monitoring
Home/Safety security systems
Surface Mount Leadform Option (50 pcs / tub
e)
-S
Tape and Reel Packing Option (1,000 pcs / re
el)
-TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Input Current
mA
40
Transient Input Current
mA
400
Reverse Input Control
Voltage
V
6
Output Power Dissipation
mW
800
Solder Temperature -
Wave (10s)
ºC
260
Solder Temperature - IR
Reflow (10s)
ºc
260
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
UL / C-UL Approved: FILE #E90096, E201932
CSA Approved: CERTIFICATE #LR111581-1
www.ssousa.com • +1.408.293.4600
Page 1 of
5
AD4C111
rev 1.42 (2/4/2011)
© 2011 Solid State Optronics • San José, CA


Numéro de pièce similaire - AD4C111_15

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD4C111-E SSOUSA-AD4C111-E Datasheet
167Kb / 4P
   Dual 1 Form A Solid State Relay
AD4C111-L SSOUSA-AD4C111-L Datasheet
168Kb / 4P
   Dual 1 Form A Solid State Relay
AD4C111-L SSOUSA-AD4C111-L_15 Datasheet
221Kb / 5P
   Current Limit Protection
More results

Description similaire - AD4C111_15

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD4C250 SSOUSA-AD4C250_15 Datasheet
221Kb / 5P
   Two optically isolated SSRs in compact 8 pin DIP package
SM8024 SSOUSA-SM8024 Datasheet
240Kb / 7P
   Compact 8 pin DIP/SMD package
AD4C213 SSOUSA-AD4C213_15 Datasheet
358Kb / 9P
   1 Form A / 1 Form B Integrated in 1 Package
AD4C743 SSOUSA-AD4C743 Datasheet
358Kb / 9P
   1 Form A / 1 Form B Integrated in Single Package
logo
List of Unclassifed Man...
FS-355 ETC2-FS-355 Datasheet
443Kb / 2P
   Core processor module in compact 48-pin DIP form factor
logo
Microchip Technology
AC163021 MICROCHIP-AC163021 Datasheet
455Kb / 2P
   8-pin DIP pin 1
6/04
logo
Solid State Optronic
AD2C201 SSOUSA-AD2C201 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
AD6C542 SSOUSA-AD6C542 Datasheet
339Kb / 8P
   Compact 6 pin DIP/SMD Package
AD2C112 SSOUSA-AD2C112 Datasheet
334Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C641 SSOUSA-AD2C641 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com