Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4C101 Fiches technique(PDF) 1 Page - Solid State Optronic

No de pièce AD4C101
Description  High Blocking Voltage (600V)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSOUSA [Solid State Optronic]
Site Internet  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C101 Fiches technique(HTML) 1 Page - Solid State Optronic

  AD4C101 Datasheet HTML 1Page - Solid State Optronic AD4C101 Datasheet HTML 2Page - Solid State Optronic AD4C101 Datasheet HTML 3Page - Solid State Optronic AD4C101 Datasheet HTML 4Page - Solid State Optronic AD4C101 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AD4C101
Dual 1 Form A
Solid State Relay
The AD4C101 is a bi-directional, double-pole, single-throw, normally open MOSFET output solid-state relay. This device offers two
discrete optically isolated SSRs in one miniature 8 pin DIP/SMD package. Each discrete relay consists of an infrared LED, optically
coupled to a Photo Diode Array, which in turn drives a pair of back-to-back MOSFETs. Its high blocking voltage (600V) and the integration
of 2 devices in one package make the AD4C101 ideal in applications with board space constraints where high load voltages are
encountered.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
High Blocking Voltage (600V)
Two discrete relays in compact 8 pin DIP/SMD package
High Input-Output Isolation (3.75kV)
120mA Continuous Load Current (each pole, individually)
On-Resistance 40 ohms MAX
Long Life / High Reliability
Lead-Free / RoHS - WEEE Compliant
EMR replacement
Meter Reading Systems
Medical Equipment
Battery Monitoring
Multiplexers
Surface Mount Leadform Option (50pcs / tube
)
-S
Tape & Reel Packing Option (1,000pcs/reel)
-TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Input Current
mA
40
Transient Input Current
mA
400
Reverse Input Control
Voltage
V
6
Output Power Dissipation
mW
800
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
UL / C-UL Approved: File # E90096, E201932
CSA Approved: Certificate # LR111581-1
www.ssousa.com • +1.408.293.4600
Page 1 of 5
AD4C101
rev 1.41 (9/9/2009)
© 2009 Solid State Optronics • San José, CA


Numéro de pièce similaire - AD4C101

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD4C111 SSOUSA-AD4C111 Datasheet
208Kb / 5P
   Dual 1 Form ADual 1 Form A Solid State Relay
AD4C111-E SSOUSA-AD4C111-E Datasheet
167Kb / 4P
   Dual 1 Form A Solid State Relay
AD4C111-L SSOUSA-AD4C111-L Datasheet
168Kb / 4P
   Dual 1 Form A Solid State Relay
AD4C111-L SSOUSA-AD4C111-L_15 Datasheet
221Kb / 5P
   Current Limit Protection
AD4C111 SSOUSA-AD4C111_15 Datasheet
223Kb / 5P
   Two discrete 1 form A Relays in compact 8 pin DIP package
More results

Description similaire - AD4C101

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
AD2C101 SSOUSA-AD2C101_15 Datasheet
242Kb / 5P
   High Blocking Voltage (600V)
STR8062 SSOUSA-STR8062 Datasheet
357Kb / 8P
   High Blocking Voltage (600V)
AD4C201 SSOUSA-AD4C201 Datasheet
298Kb / 8P
   High Blocking Voltage (600V)
AD6C101 SSOUSA-AD6C101_15 Datasheet
212Kb / 5P
   High Blocking Voltage (600V)
STZ8082 SSOUSA-STZ8082 Datasheet
400Kb / 9P
   High Blocking Voltage
STZ8062 SSOUSA-STZ8062 Datasheet
400Kb / 9P
   High Blocking Voltage
logo
NXP Semiconductors
BT139-800G NXP-BT139-800G Datasheet
194Kb / 14P
   High blocking voltage capability
Rev. 5-23 March 2011
logo
Solid State Optronic
AD6C010 SSOUSA-AD6C010 Datasheet
249Kb / 7P
   High Blocking Voltage (1200V)
AD6C011 SSOUSA-AD6C011 Datasheet
250Kb / 7P
   High Blocking Voltage (800V)
logo
NXP Semiconductors
BT138B-600-118 PHILIPS-BT138B-600-118 Datasheet
212Kb / 14P
   High blocking voltage capability
26 September 2013
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com