Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVT16652A Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74LVT16652A
Description  3.3 V 16-bit bus transceiver/register; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16652A Fiches technique(HTML) 4 Page - NXP Semiconductors

  74LVT16652A_15 Datasheet HTML 1Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT16652A_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
9397 750 14402
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 12 January 2005
4 of 21
Philips Semiconductors
74LVT16652A
3.3 V 16-bit bus transceiver/register; 3-state
Fig 3.
Logic diagram
001aac346
OTHER CHANNELS
nA1
nA0
nSAB
nCPAB
nSBA
nCPBA
nOEAB
nOEBA
1 OF 16 CHANNELS
1D
1D
C1
C1
Q
Q
nA2
nA3
nA4
nA5
nA6
nA7
nB1
nB0
nB2
nB3
nB4
nB5
nB6
nB7


Numéro de pièce similaire - 74LVT16652A_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVT16652ADGG NEXPERIA-74LVT16652ADGG Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
74LVT16652ADL NEXPERIA-74LVT16652ADL Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
More results

Description similaire - 74LVT16652A_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
logo
NXP Semiconductors
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74ABT16646 PHILIPS-74ABT16646 Datasheet
94Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Feb 27
74ALVCH16646 PHILIPS-74ALVCH16646 Datasheet
92Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Sep 03
logo
Nexperia B.V. All right...
74ALVCH16646 NEXPERIA-74ALVCH16646 Datasheet
250Kb / 17P
   16-bit bus transceiver/register; 3-state
Rev. 3 - 11 September 2018
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646_15 Datasheet
96Kb / 12P
   16-bit bus transceiver/register (3-State)
1998 Sep 03
logo
Texas Instruments
SN74LVTH16652-EP TI1-SN74LVTH16652-EP Datasheet
343Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com