Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVT241 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74LVT241
Description  3.3 V octal buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT241 Fiches technique(HTML) 4 Page - NXP Semiconductors

  74LVT241_15 Datasheet HTML 1Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
74LVT241_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 7 May 2008
4 of 16
NXP Semiconductors
74LVT241
3.3 V octal buffer/line driver; 3-state
6.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = Don’t care;
Z = High impedance “OFF” state.
7.
Limiting values
[1]
The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
[2]
The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
[3]
For SO20 packages: above 70
°C derate linearly with 8 mW/K.
For SSOP20 and TSSOP20 packages: above 60
°C derate linearly with 5.5 mW/K.
For DHVQFN20 packages: above 60
°C derate linearly with 4.5 mW/K.
8.
Recommended operating conditions
Table 3.
Function table
Inputs
Outputs
1OE
2OE
1An
2An
1Yn
2Yn
LH
LLLL
L
HHHHH
H
L
XXZ
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
VI
input voltage
[2]
−0.5
+7.0
V
VO
output voltage
output in OFF or HIGH state
[2]
−0.5
+7.0
V
IIK
input clamping current
VI < 0 V
−50
-
mA
IOK
output clamping current
VO < 0 V
−50
-
mA
IO
output current
output in LOW state
-
128
mA
output in HIGH state
−64
-
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +85 °C
[3] -
500
mW
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
2.7
3.6
V
VI
input voltage
0
5.5
V
IOH
HIGH-level output current
−32
-
mA


Numéro de pièce similaire - 74LVT241_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVT241BQ NXP-74LVT241BQ Datasheet
112Kb / 16P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
logo
Nexperia B.V. All right...
74LVT241BQ NEXPERIA-74LVT241BQ Datasheet
244Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 4 - 27 March 2019
logo
NXP Semiconductors
74LVT241D PHILIPS-74LVT241D Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Feb 19
74LVT241D NXP-74LVT241D Datasheet
112Kb / 16P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
logo
Nexperia B.V. All right...
74LVT241D NEXPERIA-74LVT241D Datasheet
244Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 4 - 27 March 2019
More results

Description similaire - 74LVT241_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
74LVT244A-Q100 NEXPERIA-74LVT244A-Q100 Datasheet
710Kb / 15P
   3.3 V octal buffer/line driver; 3-state
logo
NXP Semiconductors
74LVT241 NXP-74LVT241 Datasheet
112Kb / 16P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
74LVT_LVTH244B PHILIPS-74LVT_LVTH244B_15 Datasheet
96Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-3 March 2006
logo
Nexperia B.V. All right...
74LVTH244B NEXPERIA-74LVTH244B Datasheet
235Kb / 12P
   3.3 V octal buffer/line driver; 3-state
Rev. 6 - 12 August 2021
logo
NXP Semiconductors
74LVTH244A NXP-74LVTH244A Datasheet
99Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT241 NEXPERIA-74LVT241 Datasheet
244Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 4 - 27 March 2019
74LVT240 NEXPERIA-74LVT240 Datasheet
230Kb / 12P
   3.3 V Octal inverting buffer/line driver; 3-state
Rev. 4 - 28 July 2021
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com