Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC2244A Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce 74LVC2244A
Description  Octal buffer/line driver; 30 ??series termination; 5 V tolerant input/output; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2244A Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC2244A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVC2244A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVC2244A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVC2244A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVC2244A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVC2244A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVC2244A_15 Datasheet HTML 9Page - NXP Semiconductors 74LVC2244A_15 Datasheet HTML 10Page - NXP Semiconductors 74LVC2244A_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74LVC2244A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 3 November 2011
7 of 17
NXP Semiconductors
74LVC2244A
Octal buffer/line driver; 30
 series termination; 3-state
10. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 C and VCC = 1.2 V, 1.8 V, 2.5 V, 2.7 V, and 3.3 V respectively.
[2]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[3]
Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
[4]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
(C
L  VCC
2
 f
o) = sum of the outputs
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 7.
Symbol Parameter
Conditions
Tamb = 40 C to +85 C 40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nAn to nYn; see Figure 5
[2]
VCC = 1.2 V
-
35
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.9
7.8
17.7
1.9
18.6
ns
VCC = 2.3 V to 2.7 V
1.5
4.1
8.7
1.5
9.6
ns
VCC = 2.7 V
1.5
4.1
6.4
1.5
7.0
ns
VCC = 3.0 V to 3.6 V
1.5
3.5
5.5
1.5
8.0
ns
ten
enable time
nOE to nYn; see Figure 6
[2]
VCC = 1.2 V
-
38
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.3
8.9
19.7
2.3
20.7
ns
VCC = 2.3 V to 2.7 V
1.9
5.0
10.3
1.9
11.4
ns
VCC = 2.7 V
1.5
5.1
8.1
1.5
9.0
ns
VCC = 3.0 V to 3.6 V
1.0
4.0
7.1
1.0
10.5
ns
tdis
disable time
nOE to nYn; see Figure 6
[2]
VCC = 1.2 V
-
9.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.9
4.7
9.3
2.9
9.8
ns
VCC = 2.3 V to 2.7 V
1.0
2.6
5.0
1.0
5.6
ns
VCC = 2.7 V
1.5
3.4
6.4
1.5
7.0
ns
VCC = 3.0 V to 3.6 V
1.5
3.2
5.4
1.5
8.0
ns
tsk(o)
output skew time
VCC = 3.0 V to 3.6 V
[3]
-
-
1.0
-
1.5
ns
CPD
power dissipation
capacitance
per input; VI =GND to VCC
[4]
VCC = 1.65 V to 1.95 V
-
1.8
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
4.9
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
7.7
-
-
-
pF


Numéro de pièce similaire - 74LVC2244A_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVC2244ABQ NEXPERIA-74LVC2244ABQ Datasheet
255Kb / 14P
   Octal buffer/line driver; 30 Ω series termination; 5 V tolerant input/output; 3-state
Rev. 6 - 20 September 2021
logo
NXP Semiconductors
74LVC2244AD PHILIPS-74LVC2244AD Datasheet
84Kb / 16P
   Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
logo
Nexperia B.V. All right...
74LVC2244AD NEXPERIA-74LVC2244AD Datasheet
255Kb / 14P
   Octal buffer/line driver; 30 Ω series termination; 5 V tolerant input/output; 3-state
Rev. 6 - 20 September 2021
logo
NXP Semiconductors
74LVC2244ADB PHILIPS-74LVC2244ADB Datasheet
84Kb / 16P
   Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
74LVC2244APW PHILIPS-74LVC2244APW Datasheet
84Kb / 16P
   Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
More results

Description similaire - 74LVC2244A_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVC2244A NEXPERIA-74LVC2244A Datasheet
255Kb / 14P
   Octal buffer/line driver; 30 Ω series termination; 5 V tolerant input/output; 3-state
Rev. 6 - 20 September 2021
logo
NXP Semiconductors
74LVC2244A PHILIPS-74LVC2244A Datasheet
84Kb / 16P
   Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
   16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
74LVCH322244A PHILIPS-74LVCH322244A_15 Datasheet
166Kb / 14P
   32-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
74LVCH162244A NEXPERIA-74LVCH162244A Datasheet
249Kb / 13P
   16-bit buffer/line driver; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
logo
NXP Semiconductors
74LVC322244A PHILIPS-74LVC322244A Datasheet
77Kb / 16P
   32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
74LVCH32244A PHILIPS-74LVCH32244A_15 Datasheet
163Kb / 14P
   32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com