Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTB010N02DFJ6 Fiches technique(PDF) 1 Page - Cystech Electonics Corp.

No de pièce MTB010N02DFJ6
Description  25V N-CHANNEL Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB010N02DFJ6 Fiches technique(HTML) 1 Page - Cystech Electonics Corp.

  MTB010N02DFJ6 Datasheet HTML 1Page - Cystech Electonics Corp. MTB010N02DFJ6 Datasheet HTML 2Page - Cystech Electonics Corp. MTB010N02DFJ6 Datasheet HTML 3Page - Cystech Electonics Corp. MTB010N02DFJ6 Datasheet HTML 4Page - Cystech Electonics Corp. MTB010N02DFJ6 Datasheet HTML 5Page - Cystech Electonics Corp. MTB010N02DFJ6 Datasheet HTML 6Page - Cystech Electonics Corp. MTB010N02DFJ6 Datasheet HTML 7Page - Cystech Electonics Corp. MTB010N02DFJ6 Datasheet HTML 8Page - Cystech Electonics Corp. MTB010N02DFJ6 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C972DFJ6
Issued Date : 2015.04.01
Revised Date : 2015.09.03
Page No. : 1/9
MTB010N02DFJ6
CYStek Product Specification
25V N-CHANNEL Enhancement Mode MOSFET
MTB010N02DFJ6
Features
• Low on-resistance
• Excellent thermal and electrical capabilities
• Pb-free lead plating and halogen-free package
Equivalent Circuit
Outline
Ordering Information
Device
Package
Shipping
MTB010N02DFJ6-0-T1-G
DFNWB2×2-6L-J
(Pb-free lead plating and halogen-free package)
3000 pcs / tape & reel
MTB010N02DFJ6
DFNWB2×2-6L-J
G:Gate S:Source D:Drain
BVDSS
25V
ID@VGS=10V, TC=25°C
18.2A
ID@VGS=10V, TA=25°C
8.8A
RDSON@VGS=10V, ID=8.5A
10.9mΩ(typ.)
RDSON@VGS=4.5V, ID=6.8A
15.3mΩ(typ.)
Environment friendly grade : S for RoHS compliant products, G for RoHS
compliant and green compound products
Packing spec, T1 : 3000 pcs / tape & reel,7” reel
Product rank, zero for no rank products
Product name


Numéro de pièce similaire - MTB010N02DFJ6

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
MTB010N06I3 CYSTEKEC-MTB010N06I3 Datasheet
357Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB010N06RI3 CYSTEKEC-MTB010N06RI3 Datasheet
605Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB010N06RI3-0-UA-G CYSTEKEC-MTB010N06RI3-0-UA-G Datasheet
605Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB010N06RJ3 CYSTEKEC-MTB010N06RJ3 Datasheet
431Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB010N06RJ3-0-T3-G CYSTEKEC-MTB010N06RJ3-0-T3-G Datasheet
431Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Description similaire - MTB010N02DFJ6

FabricantNo de pièceFiches techniqueDescription
logo
Champion Microelectroni...
CMT35N03G CHAMP-CMT35N03G Datasheet
255Kb / 6P
   25V N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
Pan Jit International I...
PJD09N03 PANJIT-PJD09N03 Datasheet
142Kb / 4P
   25V N-Channel Enhancement Mode MOSFET
PJ12N03D PANJIT-PJ12N03D Datasheet
151Kb / 4P
   25V N-Channel Enhancement Mode MOSFET
PJ6680 PANJIT-PJ6680 Datasheet
152Kb / 5P
   25V N-Channel Enhancement Mode MOSFET
PJ6694 PANJIT-PJ6694 Datasheet
207Kb / 5P
   25V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMD50N02 FCI-FMD50N02 Datasheet
363Kb / 2P
   25V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG301NU DIODES-DMG301NU Datasheet
509Kb / 6P
   25V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJ06N03D PANJIT-PJ06N03D Datasheet
145Kb / 4P
   25V N-Channel Enhancement Mode MOSFET
PJ6676 PANJIT-PJ6676 Datasheet
152Kb / 5P
   25V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG301NU DIODES-DMG301NU_15 Datasheet
509Kb / 6P
   25V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com