Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX3766 Fiches technique(PDF) 6 Page - Maxim Integrated Products

No de pièce MAX3766
Description  622Mbps LAN/WAN Laser Driver with Automatic Power Control and Safety Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3766 Fiches technique(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3766 Datasheet HTML 2Page - Maxim Integrated Products MAX3766 Datasheet HTML 3Page - Maxim Integrated Products MAX3766 Datasheet HTML 4Page - Maxim Integrated Products MAX3766 Datasheet HTML 5Page - Maxim Integrated Products MAX3766 Datasheet HTML 6Page - Maxim Integrated Products MAX3766 Datasheet HTML 7Page - Maxim Integrated Products MAX3766 Datasheet HTML 8Page - Maxim Integrated Products MAX3766 Datasheet HTML 9Page - Maxim Integrated Products MAX3766 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
622Mbps LAN/WAN Laser Driver with
Automatic Power Control and Safety Shutdown
6
_______________________________________________________________________________________
Pin Description
ENABLE is a TTL-compatible input. When low or open, this pin disables the output modulation and bias
current.
ENABLE
10
A capacitor to ground at SAFETY determines the turn-on delay for the safety circuits. If SAFETY is
grounded or TTL low, internal safety shutdown features are disabled. A TTL high at SAFETY enables the
internal safety shutdown features.
SAFETY
11
The FAIL output asserts low if the voltage at MD is above or below nominal. FAIL also asserts if REF1 is
inadvertently tied to the positive supply. FAIL has TTL-compatible output voltage levels.
FAIL
12
Supply Voltage for the Output Current Drivers
VCCOUT
13
Inverting Modulation-Current Output
OUT-
14
Ground. All grounds must be connected.
GND
5, 8
Inverting Data Input
IN-
6
Noninverting Data Input
IN+
7
Positive Supply Voltage. All VCC pins must be connected.
VCC
9
The current into MOD programs the laser modulation current. Connect MOD to REF2 with a resistor or
potentiometer.
MOD
4
REF2 is the reference voltage used to program the modulation current. The tempco of REF2 is pro-
grammed by RTC.
REF2
3
PIN
The resistance (RTC) between TC and REF1 programs the temperature coefficient of REF2. Connecting
TC directly to REF1 produces the minimum tempco. Leaving TC unconnected produces the maximum
tempco.
TC
2
The current into BIASMAX sets the maximum laser bias current. Connecting BIASMAX directly to REF1
allows the largest possible bias current.
BIASMAX
1
FUNCTION
NAME
Ground for the Output Current Drivers
GNDOUT
17
Input for the laser monitor photodiode current.
MD
18
The current into POWERSET programs the average optical output power when automatic power
control is used.
POWERSET
19
REF1 is a voltage reference used to program laser bias current and average power.
REF1
20
Noninverting Modulation-Current Output
OUT+
15
Connection for the DC Laser Bias Current
BIAS
16


Numéro de pièce similaire - MAX3766

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX3760 MAXIM-MAX3760 Datasheet
124Kb / 8P
   622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers
19-4765; Rev 0; 7/98
MAX3760E/D MAXIM-MAX3760E/D Datasheet
124Kb / 8P
   622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers
19-4765; Rev 0; 7/98
MAX3760ESA MAXIM-MAX3760ESA Datasheet
124Kb / 8P
   622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers
19-4765; Rev 0; 7/98
MAX3760EVKIT MAXIM-MAX3760EVKIT Datasheet
61Kb / 8P
   MAX3760 Evaluation Kit
Rev 0; 7/98
MAX3760EVKIT-SO MAXIM-MAX3760EVKIT-SO Datasheet
61Kb / 8P
   MAX3760 Evaluation Kit
Rev 0; 7/98
More results

Description similaire - MAX3766

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
MAX3668 MAXIM-MAX3668_05 Datasheet
871Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
logo
Vitesse Semiconductor C...
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
   Laser Diode Driver with Automatic Power Control
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
   Laser Diode Driver with Automatic Power Control
logo
Maxim Integrated Produc...
MAX3865 MAXIM-MAX3865 Datasheet
633Kb / 16P
   2.5Gbps Laser Driver with Automatic Modulation Control
19-2247; Rev 1; 4/02
MAX3760 MAXIM-MAX3760 Datasheet
124Kb / 8P
   622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers
19-4765; Rev 0; 7/98
MAX3867 MAXIM-MAX3867 Datasheet
193Kb / 12P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Automatic Power Control
19-4769; Rev 0a; 9/98
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
   3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com