Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LV164 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74LV164
Description  8-bit serial-in/parallel-out shift register
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV164 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74LV164_15 Datasheet HTML 4Page - NXP Semiconductors 74LV164_15 Datasheet HTML 5Page - NXP Semiconductors 74LV164_15 Datasheet HTML 6Page - NXP Semiconductors 74LV164_15 Datasheet HTML 7Page - NXP Semiconductors 74LV164_15 Datasheet HTML 8Page - NXP Semiconductors 74LV164_15 Datasheet HTML 9Page - NXP Semiconductors 74LV164_15 Datasheet HTML 10Page - NXP Semiconductors 74LV164_15 Datasheet HTML 11Page - NXP Semiconductors 74LV164_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
9397 750 14501
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 4 February 2005
8 of 21
Philips Semiconductors
74LV164
8-bit serial-in/parallel-out shift register
[1]
All typical values are measured at Tamb = 25 °C.
11. Dynamic characteristics
ILI
input leakage current
VI = VCC or GND; VCC = 5.5 V
-
-
1.0
µA
ICC
quiescent supply current
VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
160
µA
∆ICC
additional quiescent supply
current per input
VI = VCC − 0.6 V; VCC = 2.7 V
to 3.6 V
-
-
850
µA
Table 7:
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 8:
Dynamic characteristics
GND = 0 V; tr = tf ≤ 2.5 ns; CL = 50 pF; RL = 1 kΩ; for test circuit see Figure 9.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
tPHL,
tPLH
propagation delay CP to Qn
see Figure 6
VCC = 1.2 V
-
75
-
ns
VCC = 2.0 V
-
26
39
ns
VCC = 2.7 V
-
19
29
ns
VCC = 3.0 V to 3.6 V
-
14
23
ns
VCC = 4.5 V to 5.5 V
-
12
19
ns
VCC = 3.3 V; CL =15pF
-
12
-
ns
tPHL
propagation delay MR to Qn
see Figure 7
VCC = 1.2 V
-
75
-
ns
VCC = 2.0 V
-
26
39
ns
VCC = 2.7 V
-
19
29
ns
VCC = 3.0 V to 3.6 V
-
14
23
ns
VCC = 4.5 V to 5.5 V
-
12
19
ns
VCC = 3.3 V; CL =15pF
-
12
-
ns
tW
pulse width CP
see Figure 6
VCC = 2.0 V
34
9
-
ns
VCC = 2.7 V
25
6
-
ns
VCC = 3.0 V to 3.6 V
20
5
-
ns
VCC = 4.5 V to 5.5 V
13
4
-
ns
tW
pulse width MR
see Figure 7
VCC = 2.0 V
34
10
-
ns
VCC = 2.7 V
25
8
-
ns
VCC = 3.0 V to 3.6 V
20
6
-
ns
VCC = 4.5 V to 5.5 V
13
5
-
ns


Numéro de pièce similaire - 74LV164_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LV164-Q100 NEXPERIA-74LV164-Q100 Datasheet
768Kb / 19P
   8-bit serial-in/parallel-out shift register
logo
Texas Instruments
74LV164A TI-74LV164A Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74LV164AD TI1-74LV164AD Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
logo
Nexperia B.V. All right...
74LV164BQ NEXPERIA-74LV164BQ Datasheet
259Kb / 15P
   8-bit serial-in/parallel-out shift register
Rev. 6 - 15 September 2021
74LV164BQ-Q100 NEXPERIA-74LV164BQ-Q100 Datasheet
768Kb / 19P
   8-bit serial-in/parallel-out shift register
More results

Description similaire - 74LV164_15

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com