Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC75 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74HC75
Description  Quad bistable transparant latch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC75 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74HC75_15 Datasheet HTML 4Page - NXP Semiconductors 74HC75_15 Datasheet HTML 5Page - NXP Semiconductors 74HC75_15 Datasheet HTML 6Page - NXP Semiconductors 74HC75_15 Datasheet HTML 7Page - NXP Semiconductors 74HC75_15 Datasheet HTML 8Page - NXP Semiconductors 74HC75_15 Datasheet HTML 9Page - NXP Semiconductors 74HC75_15 Datasheet HTML 10Page - NXP Semiconductors 74HC75_15 Datasheet HTML 11Page - NXP Semiconductors 74HC75_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
9397 750 13816
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
8 of 20
Philips Semiconductors
74HC75
Quad bistable transparant latch
VOL
LOW-level output voltage
VI =VIH or VIL
IO =20 µA; VCC = 2.0 V
-
-
0.1
V
IO =20 µA; VCC = 4.5 V
-
-
0.1
V
IO =20 µA; VCC = 6.0 V
-
-
0.1
V
IO = 4 mA; VCC = 4.5 V
-
-
0.33
V
IO = 5.2 mA; VCC = 6.0 V
-
-
0.33
V
ILI
input leakage current
VI =VCC or GND; VCC = 6.0 V
-
-
±1.0
µA
ICC
quiescent supply current
VI =VCC or GND; IO =0A;
VCC = 6.0 V
--80
µA
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
VCC = 2.0 V
1.5
-
-
V
VCC = 4.5 V
3.15
-
-
V
VCC = 6.0 V
4.2
-
-
V
VIL
LOW-level input voltage
VCC = 2.0 V
-
-
0.5
V
VCC = 4.5 V
-
-
1.35
V
VCC = 6.0 V
-
-
1.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
-
IO = −20 µA; VCC = 2.0 V
1.9
-
-
V
IO = −20 µA; VCC = 4.5 V
4.4
-
-
V
IO = −20 µA; VCC = 6.0 V
5.9
-
-
V
IO = −4 mA; VCC = 4.5 V
3.7
-
-
V
IO = −5.2 mA; VCC = 6.0 V
5.2
-
-
V
VOL
LOW-level output voltage
VI =VIH or VIL
-
IO =20 µA; VCC = 2.0 V
-
-
0.1
V
IO =20 µA; VCC = 4.5 V
-
-
0.1
V
IO =20 µA; VCC = 6.0 V
-
-
0.1
V
IO = 4 mA; VCC = 4.5 V
-
-
0.4
V
IO = 5.2 mA; VCC = 6.0 V
-
-
0.4
V
ILI
input leakage current
VI =VCC or GND; VCC = 6.0 V
-
-
±1.0
µA
ICC
quiescent supply current
VI =VCC or GND; IO =0A;
VCC = 6.0 V
-
-
160
µA
Table 7:
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Numéro de pièce similaire - 74HC75_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC7541 PHILIPS-74HC7541 Datasheet
55Kb / 7P
   Octal Schmitt trigger buffer/line driver; 3-state
December 1990
logo
Nexperia B.V. All right...
74HC7541 NEXPERIA-74HC7541 Datasheet
253Kb / 14P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 8 - 3 August 2021
74HC7541-Q100 NEXPERIA-74HC7541-Q100 Datasheet
951Kb / 15P
   Octal Schmitt trigger buffer/line driver; 3-state
74HC7541-Q100 NEXPERIA-74HC7541-Q100 Datasheet
252Kb / 14P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 2 - 3 August 2021
logo
NXP Semiconductors
74HC7541D NXP-74HC7541D Datasheet
35Kb / 2P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 3-25 July 2011
More results

Description similaire - 74HC75_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC75N NXP-74HC75N Datasheet
87Kb / 20P
   Quad bistable transparant latch
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC75 NEXPERIA-74HC75 Datasheet
257Kb / 16P
   Quad bistable transparant latch
Rev. 5 - 17 March 2021
logo
NXP Semiconductors
74HC75 PHILIPS-74HC75 Datasheet
57Kb / 7P
   Quad bistable transparent latch
December 1990
logo
Hitachi Semiconductor
HD74HC375 HITACHI-HD74HC375 Datasheet
49Kb / 8P
   Quad. Bistable Latches
HD74HC77 HITACHI-HD74HC77 Datasheet
48Kb / 9P
   4-bit Bistable Latch
logo
Renesas Technology Corp
HD74HC77 RENESAS-HD74HC77 Datasheet
96Kb / 7P
   4-bit Bistable Latch
HD74HC375 RENESAS-HD74HC375 Datasheet
97Kb / 7P
   Quad. Bistable Latches
logo
Hitachi Semiconductor
HD74HC75 HITACHI-HD74HC75 Datasheet
47Kb / 8P
   Quad. Bistable Latches
logo
Renesas Technology Corp
HD74HC75 RENESAS-HD74HC75 Datasheet
103Kb / 8P
   Quad. Bistable Latches
logo
Nexperia B.V. All right...
74AHC373 NEXPERIA-74AHC373 Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com