Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC1GU04 Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce 74HC1GU04
Description  Inverter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC1GU04 Fiches technique(HTML) 1 Page - NXP Semiconductors

  74HC1GU04_15 Datasheet HTML 1Page - NXP Semiconductors 74HC1GU04_15 Datasheet HTML 2Page - NXP Semiconductors 74HC1GU04_15 Datasheet HTML 3Page - NXP Semiconductors 74HC1GU04_15 Datasheet HTML 4Page - NXP Semiconductors 74HC1GU04_15 Datasheet HTML 5Page - NXP Semiconductors 74HC1GU04_15 Datasheet HTML 6Page - NXP Semiconductors 74HC1GU04_15 Datasheet HTML 7Page - NXP Semiconductors 74HC1GU04_15 Datasheet HTML 8Page - NXP Semiconductors 74HC1GU04_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
General description
The 74HC1GU04 is a high-speed Si-gate CMOS device. It provides an inverting single
stage function. The standard output currents are half those of the 74HCU04.
2.
Features
I Symmetrical output impedance
I Wide operating voltage range from 2.0 V to 6.0 V
I Low power dissipation
I Balanced propagation delays
I SOT353-1 and SOT753 package options
3.
Ordering information
4.
Marking
5.
Functional diagram
74HC1GU04
Inverter
Rev. 05 — 10 July 2007
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC1GU04GW
−40 °C to +125 °C
TSSOP5
plastic thin shrink small outline package;
5 leads; body width 1.25 mm
SOT353-1
74HC1GU04GV
−40 °C to +125 °C
SC-74A
plastic surface-mounted package; 5 leads
SOT753
Table 2.
Marking codes
Type number
Marking
74HC1GU04GW
HD
74HC1GU04GV
HU4
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
mna043
AY
2
4
2
1
4
mna044
mna045
AY


Numéro de pièce similaire - 74HC1GU04_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74HC1GU04-Q100 NEXPERIA-74HC1GU04-Q100 Datasheet
234Kb / 13P
   Single unbuffered inverter
logo
NXP Semiconductors
74HC1GU04GV NXP-74HC1GU04GV Datasheet
97Kb / 12P
   Inverter
Rev. 05-10 July 2007
logo
Nexperia B.V. All right...
74HC1GU04GV NEXPERIA-74HC1GU04GV Datasheet
246Kb / 13P
   Single unbuffered inverter
Rev. 7 - 4 February 2022
74HC1GU04GV-Q100 NEXPERIA-74HC1GU04GV-Q100 Datasheet
234Kb / 13P
   Single unbuffered inverter
74HC1GU04GV-Q100 NEXPERIA-74HC1GU04GV-Q100 Datasheet
244Kb / 13P
   Single unbuffered inverter
Rev. 3 - 4 February 2022
More results

Description similaire - 74HC1GU04_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com