Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC_HCT4851 Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce 74HC_HCT4851
Description  8-channel analog multiplexer/demultiplexer with injection-current effect control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT4851 Fiches technique(HTML) 1 Page - NXP Semiconductors

  74HC_HCT4851_15 Datasheet HTML 1Page - NXP Semiconductors 74HC_HCT4851_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT4851_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT4851_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT4851_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT4851_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT4851_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT4851_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT4851_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
The 74HC4851; 74HCT4851 are high-speed Si-gate CMOS devices and are specified in
compliance with JEDEC standard no. 7A.
The 74HC4851; 74HCT4851 are 8-channel analog multiplexers/demultiplexers with three
digital select inputs (S0 to S2), an active-LOW enable input (E), eight independent
inputs/outputs (Y0 to Y7) and a common input/output (Z). The devices feature
injection-current effect control, which has excellent value in automotive applications where
voltages in excess of the supply voltage are common.
With E LOW, one of the eight switches is selected (low impedance ON-state) by S0 to S2.
With E HIGH, all switches are in the high-impedance OFF-state, independent of S0 to S2.
The injection-current effect control allows signals at disabled analog input channels to
exceed the supply voltage without affecting the signal of the enabled analog channel.
This eliminates the need for external diode/resistor networks typically used to keep the
analog channel signals within the supply-voltage range.
2.
Features
I Injection-current cross coupling < 1 mV/mA
I Wide supply voltage range from 2.0 V to 6.0 V for 74HC4851
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N CDM JESD22-C101C exceeds 1000 V
I Latch-up performance exceeds 100 mA per JESD 78 Class II level A
I Low ON-state resistance:
N 400 Ω (typical) at VCC = 2.0 V
N 215 Ω (typical) at VCC = 3.0 V
N 120 Ω (typical) at VCC = 3.3 V
N 76 Ω (typical) at VCC = 4.5 V
N 59 Ω (typical) at VCC = 6.0 V
74HC4851; 74HCT4851
8-channel analog multiplexer/demultiplexer with
injection-current effect control
Rev. 02 — 2 September 2008
Product data sheet


Numéro de pièce similaire - 74HC_HCT4851_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
More results

Description similaire - 74HC_HCT4851_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC4851-Q100 NXP-74HC4851-Q100 Datasheet
260Kb / 21P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
logo
Nexperia B.V. All right...
74HC4851-Q100 NEXPERIA-74HC4851-Q100 Datasheet
293Kb / 19P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 3 - 18 February 2020
74HC4851 NEXPERIA-74HC4851 Datasheet
310Kb / 19P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 15 May 2023
logo
Texas Instruments
SN74HC4851-Q1 TI-SN74HC4851-Q1 Datasheet
294Kb / 15P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION EFFECT CONTROL
logo
NXP Semiconductors
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HC4852-Q100 NEXPERIA-74HC4852-Q100 Datasheet
847Kb / 21P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
74HCT4852 NEXPERIA-74HCT4852 Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com