Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7NJZ44V Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRF7NJZ44V
Description  Avalanche Energy Ratings
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7NJZ44V Fiches technique(HTML) 2 Page - International Rectifier

  IRF7NJZ44V Datasheet HTML 1Page - International Rectifier IRF7NJZ44V Datasheet HTML 2Page - International Rectifier IRF7NJZ44V Datasheet HTML 3Page - International Rectifier IRF7NJZ44V Datasheet HTML 4Page - International Rectifier IRF7NJZ44V Datasheet HTML 5Page - International Rectifier IRF7NJZ44V Datasheet HTML 6Page - International Rectifier IRF7NJZ44V Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRF7NJZ44V
2
www.irf.com
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
60
V
VGS = 0V, ID = 250µA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.056
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.0165
VGS = 10V, ID = 22A
Resistance
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
24
S ( )VDS =15V, IDS = 22A ➃
IDSS
Zero Gate Voltage Drain Current
25
VDS = 60V ,VGS=0V
250
VDS = 48V,
VGS = 0V, TJ =125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS =-20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
67
VGS =10V, ID = 22A
Qgs
Gate-to-Source Charge
18
nC
VDS = 48V
Qgd
Gate-to-Drain (‘Miller’) Charge
25
td(on)
Turn-On Delay Time
20
VDD = 30V, ID = 22A,
tr
Rise Time
120
VGS = 10V, RG = 7.5Ω
td(off)
Turn-Off Delay Time
60
tf
Fall Time
90
LS + LD
Total Inductance
4.0
Measured from the center of drain
l
pad to the center of source pad
Ciss
Input Capacitance
1723
VGS = 0V, VDS = 25V
Coss
Output Capacitance
370
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
70
nA
nH
ns
µA
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
2.5
°C/W
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
22*
ISM
Pulse Source Current (Body Diode) ➀
——
88
VSD
Diode Forward Voltage
1.5
V
Tj = 25°C, IS = 22A, VGS = 0V ➃
trr
Reverse Recovery Time
105
ns
Tj = 25°C, IF = 22A, di/dt ≤ 100A/µs
QRR
Reverse Recovery Charge
250
nC
VDD ≤ 25V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
* Current is limited by package and internal wires


Numéro de pièce similaire - IRF7NJZ44V

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7NJZ44V IRF-IRF7NJZ44V Datasheet
115Kb / 7P
   HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-0.5)
More results

Description similaire - IRF7NJZ44V

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF5EA1310 IRF-IRF5EA1310_15 Datasheet
244Kb / 7P
   Avalanche Energy Ratings
IRF5M5210 IRF-IRF5M5210_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5N4905 IRF-IRF5N4905_15 Datasheet
121Kb / 7P
   Avalanche Energy Ratings
IRF5NJ3315 IRF-IRF5NJ3315_15 Datasheet
176Kb / 7P
   Avalanche Energy Ratings
IRF5Y3315CM IRF-IRF5Y3315CM_15 Datasheet
108Kb / 7P
   Avalanche Energy Ratings
IRF5Y3710CM IRF-IRF5Y3710CM_15 Datasheet
107Kb / 7P
   Avalanche Energy Ratings
IRF7Y1405CM IRF-IRF7Y1405CM_15 Datasheet
100Kb / 7P
   Avalanche Energy Ratings
IRF7YSZ44VCM IRF-IRF7YSZ44VCM_15 Datasheet
117Kb / 7P
   Avalanche Energy Ratings
IRF5M3415 IRF-IRF5M3415_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5Y5305CM IRF-IRF5Y5305CM_15 Datasheet
110Kb / 7P
   Avalanche Energy Ratings
IRF7E3704 IRF-IRF7E3704_15 Datasheet
132Kb / 7P
   Avalanche Energy Ratings
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com