Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC_HCT42_CNV Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74HC_HCT42_CNV
Description  BCD to decimal decoder (1-of-10)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT42_CNV Fiches technique(HTML) 5 Page - NXP Semiconductors

  74HC_HCT42_CNV_15 Datasheet HTML 1Page - NXP Semiconductors 74HC_HCT42_CNV_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT42_CNV_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT42_CNV_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT42_CNV_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT42_CNV_15 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
December 1990
5
Philips Semiconductors
Product specification
BCD to decimal decoder (1-of-10)
74HC/HCT42
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆I
CC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL PARAMETER
Tamb (°C)
TEST CONDITIONS
74HC
UNIT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH propagation delay
An to Yn
47
17
14
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.6
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.6
INPUT
UNIT LOAD COEFFICIENT
An
1.0
SYMBOL
PARAMETER
Tamb (°C)
TEST CONDITIONS
74HCT
UNIT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
An to Yn
20
35
44
53
ns
4.5
Fig.6
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.6


Numéro de pièce similaire - 74HC_HCT42_CNV_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC_HCT423 PHILIPS-74HC_HCT423_15 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results

Description similaire - 74HC_HCT42_CNV_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC42 PHILIPS-74HC42 Datasheet
41Kb / 6P
   BCD to decimal decoder 1-of-10
December 1990
logo
Nexperia B.V. All right...
74HC42 NEXPERIA-74HC42 Datasheet
979Kb / 12P
   BCD to decimal decoder (1-of-10)
Rev. 3 - 27 September 2016
logo
Texas Instruments
CD74HC42 TI-CD74HC42 Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic BCD To Decimal Decoder 1 of 10
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
   BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
   BCD - TO -DECIMAL DECODER
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
   BCD-to-Decimal Decoder
logo
Fairchild Semiconductor
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
   BCD to Decimal Decoder
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
   BCD-to-Decimal Decoder
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
   BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
   BCD-to-Decimal Decoder
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com