Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AXP1G17 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74AXP1G17
Description  Low-power Schmitt trigger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AXP1G17 Fiches technique(HTML) 4 Page - NXP Semiconductors

  74AXP1G17_15 Datasheet HTML 1Page - NXP Semiconductors 74AXP1G17_15 Datasheet HTML 2Page - NXP Semiconductors 74AXP1G17_15 Datasheet HTML 3Page - NXP Semiconductors 74AXP1G17_15 Datasheet HTML 4Page - NXP Semiconductors 74AXP1G17_15 Datasheet HTML 5Page - NXP Semiconductors 74AXP1G17_15 Datasheet HTML 6Page - NXP Semiconductors 74AXP1G17_15 Datasheet HTML 7Page - NXP Semiconductors 74AXP1G17_15 Datasheet HTML 8Page - NXP Semiconductors 74AXP1G17_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74AXP1G17
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 6 September 2014
4 of 17
NXP Semiconductors
74AXP1G17
Low-power Schmitt trigger
8.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
9.
Recommended operating conditions
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+3.3
V
IIK
input clamping current
VI <0V
50
-
mA
VI
input voltage
[1]
0.5
+3.3
V
IOK
output clamping current
VO <0V
50
-
mA
VO
output voltage
[1]
0.5
+3.3
V
IO
output current
VO =0 VtoVCC
-
20
mA
ICC
supply current
-
50
mA
IGND
ground current
50
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +85 C-
250
mW
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.7
2.75
V
VI
input voltage
0
2.75
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode; VCC = 0 V
0
2.75
V
Tamb
ambient temperature
40
+85
C


Numéro de pièce similaire - 74AXP1G17_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AXP1G17GM NEXPERIA-74AXP1G17GM Datasheet
805Kb / 17P
   Low-power Schmitt trigger
74AXP1G17GN NEXPERIA-74AXP1G17GN Datasheet
805Kb / 17P
   Low-power Schmitt trigger
74AXP1G17GS NEXPERIA-74AXP1G17GS Datasheet
805Kb / 17P
   Low-power Schmitt trigger
74AXP1G17GX NEXPERIA-74AXP1G17GX Datasheet
805Kb / 17P
   Low-power Schmitt trigger
More results

Description similaire - 74AXP1G17_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G17 NXP-74AUP1G17 Datasheet
110Kb / 20P
   Low-power Schmitt trigger
Rev. 03-10 July 2009
logo
Nexperia B.V. All right...
74AXP1G17 NEXPERIA-74AXP1G17 Datasheet
805Kb / 17P
   Low-power Schmitt trigger
logo
NXP Semiconductors
74AUP1G17 PHILIPS-74AUP1G17_15 Datasheet
240Kb / 24P
   Low-power Schmitt trigger
Rev. 8-15 January 2015
logo
Nexperia B.V. All right...
74AUP1G17-Q100 NEXPERIA-74AUP1G17-Q100 Datasheet
247Kb / 17P
   Low-power Schmitt trigger
Rev. 2 - 13 January 2022
74AUP1G17 NEXPERIA-74AUP1G17 Datasheet
321Kb / 24P
   Low-power Schmitt trigger
Rev. 13 - 13 January 2022
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
logo
NXP Semiconductors
74AUP1G17 PHILIPS-74AUP1G17 Datasheet
96Kb / 20P
   Low-power Schmitt-trigger buffer
Rev. 01-26 July 2005
74AUP2G17 NXP-74AUP2G17 Datasheet
93Kb / 18P
   Low-power dual Schmitt trigger
Rev. 02-10 January 2008
74AUP2G17 NXP-74AUP2G17_09 Datasheet
104Kb / 18P
   Low-power dual Schmitt trigger
Rev. 03-6 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com