Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVCH4T245 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74AVCH4T245
Description  4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVCH4T245 Fiches technique(HTML) 4 Page - NXP Semiconductors

  74AVCH4T245_15 Datasheet HTML 1Page - NXP Semiconductors 74AVCH4T245_15 Datasheet HTML 2Page - NXP Semiconductors 74AVCH4T245_15 Datasheet HTML 3Page - NXP Semiconductors 74AVCH4T245_15 Datasheet HTML 4Page - NXP Semiconductors 74AVCH4T245_15 Datasheet HTML 5Page - NXP Semiconductors 74AVCH4T245_15 Datasheet HTML 6Page - NXP Semiconductors 74AVCH4T245_15 Datasheet HTML 7Page - NXP Semiconductors 74AVCH4T245_15 Datasheet HTML 8Page - NXP Semiconductors 74AVCH4T245_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
74AVCH4T245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 14 December 2011
4 of 29
NXP Semiconductors
74AVCH4T245
4-bit dual supply translating transceiver; 3-state
6.
Pinning information
6.1 Pinning
Fig 3.
Pin configuration SOT109-1 (SO16)
Fig 4.
Pin configuration SOT403-1 (TSSOP16)
74AVCH4T245
VCC(A)
VCC(B)
1DIR
1OE
2DIR
2OE
1A1
1B1
1A2
1B2
2A1
2B1
2A2
2B2
GND
GND
001aak288
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
74AVCH4T245
VCC(A)
VCC(B)
1DIR
1OE
2DIR
2OE
1A1
1B1
1A2
1B2
2A1
2B1
2A2
2B2
GND
GND
001aak287
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
(1) This is not a supply pin, the substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad
however if it is soldered the solder land should remain
floating or be connected to GND.
Fig 5.
Pin configuration SOT763-1 (DHVQFN16)
Fig 6.
Pin configuration SOT1161-1 (XQFN16)
001aak289
74AVCH4T245
2A2
2B2
2A1
2B1
1A2
1B2
1A1
1B1
2DIR
2OE
1DIR
1OE
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
GND(1)
74AVCH4T245
terminal 1
index area
001aan189
Transparent top view
2B2
12
GND
11
GND
10
2A2
9
1
1OE
2
VCC(B)
3
VCC(A)
4
1DIR


Numéro de pièce similaire - 74AVCH4T245_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVCH4T245-Q100 NEXPERIA-74AVCH4T245-Q100 Datasheet
870Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVCH4T245BQ NXP-74AVCH4T245BQ Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
logo
Nexperia B.V. All right...
74AVCH4T245BQ NEXPERIA-74AVCH4T245BQ Datasheet
847Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
74AVCH4T245BQ-Q100 NEXPERIA-74AVCH4T245BQ-Q100 Datasheet
870Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVCH4T245D NXP-74AVCH4T245D Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
More results

Description similaire - 74AVCH4T245_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
logo
Nexperia B.V. All right...
74AVC4T245-Q100 NEXPERIA-74AVC4T245-Q100 Datasheet
350Kb / 25P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4TD245 NEXPERIA-74AVC4TD245 Datasheet
280Kb / 24P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 3 - 9 June 2017
74AVCH4T245 NEXPERIA-74AVCH4T245 Datasheet
847Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
logo
NXP Semiconductors
74AVC4T245 NXP-74AVC4T245 Datasheet
142Kb / 25P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-20 July 2009
logo
Nexperia B.V. All right...
74AVCH4T245-Q100 NEXPERIA-74AVCH4T245-Q100 Datasheet
870Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVC4TD245 PHILIPS-74AVC4TD245_15 Datasheet
563Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 2-9 December 2011
logo
Nexperia B.V. All right...
74AVC4TD245PW NEXPERIA-74AVC4TD245PW Datasheet
263Kb / 23P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4T245 NEXPERIA-74AVC4T245 Datasheet
377Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com