Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVC16245 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce 74AVC16245
Description  16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVC16245 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button 74AVC16245_15 Datasheet HTML 3Page - NXP Semiconductors 74AVC16245_15 Datasheet HTML 4Page - NXP Semiconductors 74AVC16245_15 Datasheet HTML 5Page - NXP Semiconductors 74AVC16245_15 Datasheet HTML 6Page - NXP Semiconductors 74AVC16245_15 Datasheet HTML 7Page - NXP Semiconductors 74AVC16245_15 Datasheet HTML 8Page - NXP Semiconductors 74AVC16245_15 Datasheet HTML 9Page - NXP Semiconductors 74AVC16245_15 Datasheet HTML 10Page - NXP Semiconductors 74AVC16245_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74AVC16245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 31 January 2013
7 of 15
NXP Semiconductors
74AVC16245
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
[1]
All typical values are measured at Tamb =25 C.
9.1 Graphs
VOL
LOW-level output voltage
VI = VIH or VIL
IO =100 A; VCC = 1.65 V to 3.6 V
-
GND
0.20
V
IO =3 mA; VCC = 1.4 V
-
0.22
0.35
V
IO =4mA; VCC = 1.65 V
-
0.24
0.45
V
IO =8mA; VCC = 2.3 V
-
0.38
0.55
V
IO =12mA; VCC = 3.0 V
-
0.53
0.70
V
II
input leakage current
VI =VCC or GND; VCC = 1.4 V to 3.6 V
-
0.1
2.5
A
IOFF
power-off leakage current
VI or VO =3.6 V; VCC = 0.0 V
-
0.1
10
A
IOZ
OFF-state output current
VI =VIH or VIL; VO =VCC or GND
VCC = 1.4 V to 2.7 V
-
0.1
5
A
VCC = 3.0 V to 3.6 V
-
0.1
10
A
ICC
supply current
VI =VCC or GND; IO = 0 A
VCC = 1.4 V to 2.7 V
-
0.1
20
A
VCC = 3.0 V to 3.6 V
-
0.2
40
A
CI
input capacitance
-
5.0
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
Fig 4.
Output voltage as a function of the HIGH-level
output current.
Fig 5.
Output voltage as a function of the LOW-level
output current.
92+ 9



DDD



,2+
P$

9
9
9
92/ 9



DDD



,2/
P$

9
9
9


Numéro de pièce similaire - 74AVC16245_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVC16245-Q100 NEXPERIA-74AVC16245-Q100 Datasheet
760Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant 3-state
logo
NXP Semiconductors
74AVC16245DGG PHILIPS-74AVC16245DGG Datasheet
87Kb / 16P
   16-bit transceiver with direction pin; 3-state 3.6 V tolerant
1999 Nov 15
74AVC16245DGG PHILIPS-74AVC16245DGG Datasheet
88Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
logo
Nexperia B.V. All right...
74AVC16245DGG NEXPERIA-74AVC16245DGG Datasheet
740Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 31 January 2013
74AVC16245DGG-Q100 NEXPERIA-74AVC16245DGG-Q100 Datasheet
760Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant 3-state
More results

Description similaire - 74AVC16245_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVCH16245 NEXPERIA-74AVCH16245 Datasheet
745Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 8 January 2013
logo
NXP Semiconductors
74AVCH16245 PHILIPS-74AVCH16245_15 Datasheet
137Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-8 January 2013
74AVCH16245 PHILIPS-74AVCH16245 Datasheet
88Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
logo
Nexperia B.V. All right...
74AVC16245-Q100 NEXPERIA-74AVC16245-Q100 Datasheet
760Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant 3-state
74AVC16245 NEXPERIA-74AVC16245 Datasheet
740Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 31 January 2013
logo
NXP Semiconductors
74AVC16245 PHILIPS-74AVC16245 Datasheet
87Kb / 16P
   16-bit transceiver with direction pin; 3-state 3.6 V tolerant
1999 Nov 15
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com