Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVC16T245 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74AVC16T245
Description  16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVC16T245 Fiches technique(HTML) 4 Page - NXP Semiconductors

  74AVC16T245_15 Datasheet HTML 1Page - NXP Semiconductors 74AVC16T245_15 Datasheet HTML 2Page - NXP Semiconductors 74AVC16T245_15 Datasheet HTML 3Page - NXP Semiconductors 74AVC16T245_15 Datasheet HTML 4Page - NXP Semiconductors 74AVC16T245_15 Datasheet HTML 5Page - NXP Semiconductors 74AVC16T245_15 Datasheet HTML 6Page - NXP Semiconductors 74AVC16T245_15 Datasheet HTML 7Page - NXP Semiconductors 74AVC16T245_15 Datasheet HTML 8Page - NXP Semiconductors 74AVC16T245_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
74AVC16T245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 9 September 2013
4 of 28
NXP Semiconductors
74AVC16T245
16-bit dual supply translating transceiver; 3-state
5.
Pinning information
5.1 Pinning
Fig 3.
Pin configuration SOT362-1 and SOT480-1
(TSSOP48)
Fig 4.
Pin configuration SOT702-1 (VFBGA56)
74AVC16T245
1DIR
1OE
1B1
1A1
1B2
1A2
GND
GND
1B3
1A3
1B4
1A4
VCC(B)
VCC(A)
1B5
1A5
1B6
1A6
GND
GND
1B7
1A7
1B8
1A8
2B1
2A1
2B2
2A2
GND
GND
2B3
2A3
2B4
2A4
VCC(B)
VCC(A)
2B5
2A5
2B6
2A6
GND
GND
2B7
2A7
2B8
2A8
2DIR
2OE
001aak427
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
001aak428
74AVC16T245
Transparent top view
K
J
H
G
F
E
C
B
A
D
246
135
ball A1
index area


Numéro de pièce similaire - 74AVC16T245_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVC16T245-Q100 NEXPERIA-74AVC16T245-Q100 Datasheet
296Kb / 20P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVC16T245BX NXP-74AVC16T245BX Datasheet
303Kb / 28P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 3-9 June 2011
74AVC16T245DGG NXP-74AVC16T245DGG Datasheet
303Kb / 28P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 3-9 June 2011
logo
Nexperia B.V. All right...
74AVC16T245DGG NEXPERIA-74AVC16T245DGG Datasheet
311Kb / 22P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 14 January 2019
logo
Texas Instruments
74AVC16T245DGGRE4 TI-74AVC16T245DGGRE4 Datasheet
467Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Description similaire - 74AVC16T245_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVCH16T245 NEXPERIA-74AVCH16T245 Datasheet
301Kb / 21P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC16T245-Q100 NEXPERIA-74AVC16T245-Q100 Datasheet
296Kb / 20P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC16T245 NEXPERIA-74AVC16T245 Datasheet
311Kb / 22P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 14 January 2019
logo
NXP Semiconductors
74AVC16T245 NXP-74AVC16T245 Datasheet
303Kb / 28P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 3-9 June 2011
74AVCH16T245 PHILIPS-74AVCH16T245_15 Datasheet
379Kb / 29P
   16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-1 March 2012
74AVCH8T245 PHILIPS-74AVCH8T245_15 Datasheet
168Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-27 December 2012
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
74AVC8T245 NXP-74AVC8T245 Datasheet
133Kb / 23P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
logo
Nexperia B.V. All right...
74AVC32T245 NEXPERIA-74AVC32T245 Datasheet
793Kb / 24P
   32-bit dual supply translating transceiver with configurable voltage translation 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com