Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1T34 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74AUP1T34
Description  Low-power dual supply translating buffer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1T34 Fiches technique(HTML) 5 Page - NXP Semiconductors

  74AUP1T34_15 Datasheet HTML 1Page - NXP Semiconductors 74AUP1T34_15 Datasheet HTML 2Page - NXP Semiconductors 74AUP1T34_15 Datasheet HTML 3Page - NXP Semiconductors 74AUP1T34_15 Datasheet HTML 4Page - NXP Semiconductors 74AUP1T34_15 Datasheet HTML 5Page - NXP Semiconductors 74AUP1T34_15 Datasheet HTML 6Page - NXP Semiconductors 74AUP1T34_15 Datasheet HTML 7Page - NXP Semiconductors 74AUP1T34_15 Datasheet HTML 8Page - NXP Semiconductors 74AUP1T34_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
74AUP1T34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 4 September 2013
5 of 24
NXP Semiconductors
74AUP1T34
Low-power dual supply translating buffer
9.
Recommended operating conditions
10. Static characteristics
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage A
1.1
3.6
V
VCC(Y)
supply voltage Y
1.1
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
0
VCC(Y)
V
Tamb
ambient temperature
40
+125
C
t/V
input transition rise and fall rate
control and data inputs;
VCC(A) = 1.1 V to 3.6 V
0200
ns/V
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 C
VIH
HIGH-level
input voltage
VCC(A) = 1.1 V to 1.95 V; VCC(Y) = 1.1 V to 3.6 V
0.65
 V
CC(A)
--
V
VCC(A) = 2.3 V to 2.7 V; VCC(Y) = 1.1 V to 3.6 V
1.6
-
-
V
VCC(A) = 3.0 V to 3.6 V; VCC(Y) = 1.1 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input
voltage
VCC(A) = 1.1 V to 1.95 V; VCC(Y) = 1.1 V to 3.6 V
-
-
0.35
 V
CC(A)
V
VCC(A) = 2.3 V to 2.7 V; VCC(Y) = 1.1 V to 3.6 V
-
-
0.7
V
VCC(A) = 3.0 V to 3.6 V; VCC(Y) = 1.1 V to 3.6 V
-
-
0.9
V
VOH
HIGH-level
output voltage
VI = VIH
IO = 20 A; VCC(A) =VCC(Y) = 1.1 V to 3.6 V
VCC(Y)  0.1
-
-
V
IO = 1.1 mA; VCC(A) = VCC(Y) = 1.1 V
0.75
 V
CC(Y)
--
V
IO = 1.7 mA; VCC(A) = VCC(Y) = 1.4 V
1.11
-
-
V
IO = 1.9 mA; VCC(A) = VCC(Y) = 1.65 V
1.32
-
-
V
IO = 2.3 mA; VCC(A) = VCC(Y) = 2.3 V
2.05
-
-
V
IO = 3.1 mA; VCC(A) = VCC(Y) = 2.3 V
1.9
-
-
V
IO = 2.7 mA; VCC(A) = VCC(Y) = 3.0 V
2.72
-
-
V
IO = 4.0 mA; VCC(A) = VCC(Y) = 3.0 V
2.6
-
-
V
VOL
LOW-level
output voltage
VI = VIL
IO = 20 A; VCC(A) =VCC(Y) = 1.1 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC(A) = VCC(Y) = 1.1 V
-
-
0.3
 V
CC(Y)
V
IO = 1.7 mA; VCC(A) = VCC(Y) = 1.4 V
-
-
0.31
V
IO = 1.9 mA; VCC(A) = VCC(Y) = 1.65 V
-
-
0.31
V
IO = 2.3 mA; VCC(A) = VCC(Y) = 2.3 V
-
-
0.31
V
IO = 3.1 mA; VCC(A) = VCC(Y) = 2.3 V
-
-
0.44
V
IO = 2.7 mA; VCC(A) = VCC(Y) = 3.0 V
-
-
0.31
V
IO = 4.0 mA; VCC(A) = VCC(Y) = 3.0 V
-
-
0.44
V
II
input leakage
current
VI = 0 V to 3.6 V; VCC(A) =VCC(Y) = 1.1 V to 3.6 V
-
-
0.1
A


Numéro de pièce similaire - 74AUP1T34_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP1T34-Q100 NEXPERIA-74AUP1T34-Q100 Datasheet
262Kb / 17P
   Low-power dual supply translating buffer
logo
NXP Semiconductors
74AUP1T34GF NXP-74AUP1T34GF Datasheet
107Kb / 19P
   Low-power dual supply translating buffer
Rev. 01-4 December 2006
74AUP1T34GM NXP-74AUP1T34GM Datasheet
107Kb / 19P
   Low-power dual supply translating buffer
Rev. 01-4 December 2006
logo
Nexperia B.V. All right...
74AUP1T34GM NEXPERIA-74AUP1T34GM Datasheet
317Kb / 22P
   Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
74AUP1T34GM-Q100 NEXPERIA-74AUP1T34GM-Q100 Datasheet
262Kb / 17P
   Low-power dual supply translating buffer
More results

Description similaire - 74AUP1T34_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP1T34 NEXPERIA-74AUP1T34 Datasheet
317Kb / 22P
   Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
logo
NXP Semiconductors
74AUP1T34 NXP-74AUP1T34 Datasheet
107Kb / 19P
   Low-power dual supply translating buffer
Rev. 01-4 December 2006
logo
Nexperia B.V. All right...
74AUP1T34-Q100 NEXPERIA-74AUP1T34-Q100 Datasheet
262Kb / 17P
   Low-power dual supply translating buffer
74AXP1T34 NEXPERIA-74AXP1T34 Datasheet
846Kb / 21P
   Dual supply translating buffer
74LV1T34-Q100 NEXPERIA-74LV1T34-Q100 Datasheet
212Kb / 11P
   Single supply translating buffer
Rev. 3 - 10 February 2022
74LV1T34 NEXPERIA-74LV1T34 Datasheet
227Kb / 12P
   Single supply translating buffer
Rev. 3 - 10 February 2022
logo
NXP Semiconductors
74AUP1T45 NXP-74AUP1T45 Datasheet
177Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
74AUP1T45 PHILIPS-74AUP1T45 Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
74AUP1T45 PHILIPS-74AUP1T45_15 Datasheet
284Kb / 36P
   Low-power dual supply translating transceiver; 3-state
Rev. 5-9 August 2012
logo
Nexperia B.V. All right...
74AUP1T45 NEXPERIA-74AUP1T45 Datasheet
435Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 7 - 26 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com