Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVT16543 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74ALVT16543
Description  2.5 V/3.3 V ALVT 16-bit registered transceiver (3-State)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16543 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVT16543_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Philips Semiconductors
Product data sheet
74ALVT16543
2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
8
AC CHARACTERISTICS (3.3 V
± 0.3 V RANGE)
GND = 0 V; tR = tF = 2.5 ns; CL = 50 pF; RL = 500 Ω; Tamb = –40 °C to +85 °C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3 V ± 0.3 V
UNIT
MIN
TYP1
MAX
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
2
0.5
0.5
1.6
1.8
2.6
3.0
ns
tPLH
tPHL
Propagation delay
nLEBA to nAx, nLEAB to nBx
1
2
1.0
1.0
2.4
2.4
4.0
4.0
ns
tPZH
tPZL
Output enable time
nOEBA to nAx, nOEAB to nBx
4
5
1.0
1.0
2.3
1.8
4.0
3.1
ns
tPHZ
tPLZ
Output disable time
nOEBA to nAx, nOEAB to nBx
4
5
1.0
1.0
3.1
2.7
4.8
4.2
ns
tPZH
tPZL
Output enable time
nEBA to nAx, nEAB to nBx
4
5
1.0
1.0
2.5
1.9
4.2
3.1
ns
tPHZ
tPLZ
Output disable time
nEBA to nAx, nEAB to nBx
4
5
1.0
1.0
2.9
2.4
4.9
4.2
ns
NOTE:
1. All typical values are at VCC = 3.3 V and Tamb = 25 °C.
AC SETUP REQUIREMENTS (3.3 V
± 0.3 V RANGE)
GND = 0 V; tR = tF = 2.5 ns; CL = 50 pF; RL = 500 Ω; Tamb = –40 °C to +85 °C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3 V ± 0.3 V
UNIT
MIN
TYP
ts(H)
ts(L)
Setup time
nAx to nLEAB, nBx to nLEBA
3
0.5
0.7
0
–0.4
ns
th(H)
th(L)
Hold time
nAx to nLEAB, nBx to nLEBA
3
1.5
1.5
0.2
–0.3
ns
ts(H)
ts(L)
Setup time
nAx to nEAB, nBx to nEBA
3
0.5
1.1
–0.3
–0.6
ns
th(H)
th(L)
Hold time
nAx to nEAB, nBx to nEBA
3
1.2
2.0
0.6
0.1
ns
tW(L)
Latch enable pulse width, LOW
3
1.5
ns


Numéro de pièce similaire - 74ALVT16543_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVT16543DGG PHILIPS-74ALVT16543DGG Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16543DGG NEXPERIA-74ALVT16543DGG Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
logo
NXP Semiconductors
74ALVT16543DL PHILIPS-74ALVT16543DL Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16543DL NEXPERIA-74ALVT16543DL Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
More results

Description similaire - 74ALVT16543_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74ALVT16543 NEXPERIA-74ALVT16543 Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
74LVT16543A NEXPERIA-74LVT16543A Datasheet
243Kb / 15P
   3.3 V 16-bit registered transceiver; 3-state
Rev. 4 - 1 April 2021
logo
Texas Instruments
SN74LVTH16543-EP TI1-SN74LVTH16543-EP Datasheet
304Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVT16543 PHILIPS-74ALVT16543 Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
74ALVT16952 PHILIPS-74ALVT16952 Datasheet
98Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Mar 19
logo
Texas Instruments
SN74LVTH16952-EP TI1-SN74LVTH16952-EP Datasheet
311Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH182512-EP TI1-SN74LVTH182512-EP Datasheet
311Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
74LVTN16245B NXP-74LVTN16245B_10 Datasheet
155Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 02-23 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com