Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9286-8E Fiches technique(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce 9286-8E
Description  Built on MegaRAID
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

9286-8E Fiches technique(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  9286-8E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 9286-8E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information and sales office locations, please visit the LSI website at: www.lsi.com
LSI, the LSI & Design logo, the Storage.Networking.Accelerated. tagline, Syncro, MegaRAID, MegaRAID Management Suite, MegaRAID Storage
Manager, CadeCade, CacheVault, and Syncro are trademarks or registered trademarks of LSI Corporation. All other brand or product names
may be trademarks or registered trademarks of their respective companies.
LSI Corporation reserves the right to make changes to any products and services herein at any time without notice. LSI does not assume
any responsibility or liability arising out of the application or use of any product or service described herein, except as expressly agreed to
in writing by LSI; nor does the purchase, lease, or use of a product or service from LSI convey a license under any patent rights, copyrights,
trademark rights, or any other of the intellectual property rights of LSI or of third parties.
Copyright ©2013 by LSI Corporation. All rights reserved. > 0813
North American Headquarters
San Jose, CA
T: +1.866.574.5741 (within U.S.)
T: +1.408.954.3108 (outside U.S.)
LSI Europe Ltd.
European Headquarters
United Kingdom
T: [+44] 1344.413200
LSI KK Headquarters
Tokyo, Japan
T: [+81] 3.5463.7165
Product Brief
LSI Syncro CS 9286-8e
Solution Provided
Fully redundant shared storage and application failover for ROBO, SMB and SME customers without the cost and
complexity of storage networking hardware.
In the Box
• Two (2) Syncro CS 9286-8e HA controllers with
CacheVault (each includes CV power module, CV clip
and remote cable)
• Quick Install Guide
• Two (2) LP Brackets
• Resource CD
Controller Physical Dimensions
MD2 Low Profile (6.6” x 2.5”)
Controller External Connectors
Two Mini-SAS SFF8088 external connectors
Device Support
Up to 96 ea 6G SAS and/or NearLine-SAS dual-ported HDDs and SSDs (w/SCSI-3 Persistent Reservation Command)
Up to 31 6G SAS enclosure/expander devices
Maximum of 120 dual-ported SAS devices in the HA storage domain. Please see on-line compatibility matrix on lsi.com
Host Bus Type
x8 lane PCI Express® 3.0 compliant
Data Transfer Rates
Up to 6Gb/s per port
I/O Processor/SAS Controller
LSISAS2208 Dual-Core RAID on Chip (ROC)
Cache Memory
1 GB 1333MHz DDRIII SDRAM
Cache Protection
MegaRAID CacheVault flash cache protection (included)
Key High Availability Features
• Dual Active HA w/shared storage across 2 server nodes
• Server Storage Cluster HA topology support
• Write Back HA cache mirroring
• Up to 64 virtual drives with Shared host access
• Up to 64 virtual drives with Exclusive host access
• Planned/Unplanned failover modes
Key RAID Data Protection Features
• RAID levels 0, 1, 5, and 6
• RAID spans 10, 50 and 60
• Auto resume after loss of system power during
array rebuild
• Single controller Multipathing (failover)
• Single controller Load Balancing
• Configurable stripe size up to 1MB
• Fast initialization for quick array setup
• Check Consistency for background data integrity
• Patrol read for media scanning and repairing
• 64 virtual drive support per controller (64 total in HA
domain)
• Up to 64TB LUN support
• DDF compliant Configuration on Disk (COD)
• S.M.A.R.T support
• Global and Dedicated Hot Spare Support
–Automatic rebuild
–Enclosure affinity
• Enclosure management
–SES (inband)
SSD Optimization
• MegaRAID CacheCade® Software uses SSDs in front
of HDD volumes to create high-capacity, high-
performance controller read cache pools
• MegaRAID Fast Path Software designed to provide
high-performance I/O acceleration for SSD arrays
connected to 6Gb/s MegaRAID SAS controllers
• Up to 32 SSDs (6G SAS) in a CacheCade Read SSD pool
• Up to 64 CacheCade virtual drives (The total # of HDD VD
+ CacheCade VDs in the HA domain must not exceed 64)
• Up to 512GB CacheCade Read volume capacity in the HA
domain
Controller Operating Temperature
Maximum ambient: Controller Card with included CacheVault module: 55°C
Controller Operating Voltage
+3.3V, +12V
Controller MTBF (Calculated)
1,251,284 hours
Hardware Warranty
3 years, free technical support, advanced replacement option
Regulatory Certifications
EN55022, EN55024, EN60950, EN 61000-3-2, EN 61000-3-3; FCC Class A, Class B; UL1950; UL; CSA C22.2; VCCI; RRL for
MIC; BSMI;C-tick; RoHS; WEEE
Syncro CS Management
MegaRAID Management Suite: MegaRAID Storage Manager, StorCLI (command-line interface), WebBIOS, SMI-S
OS Support
Microsoft® Windows® Server 2008 R2 & Server 2012
Red Hat Enterprise Linux 6.3 and 6.4
SuSE Linux Enterprise Server 11 SP2 and SP3
Ordering Information
LSI00356


Numéro de pièce similaire - 9286-8E

FabricantNo de pièceFiches techniqueDescription
logo
AVX Corporation
9286-200 AVX-9286-200 Datasheet
665Kb / 8P
   Reduced Thru Wire Connector 18-24 AWG: WTW
9286-250 AVX-9286-250 Datasheet
522Kb / 5P
   Reduced Junction Box Connector 18-24 AWG: WTW
9286-300 AVX-9286-300 Datasheet
378Kb / 4P
   Thru Wire Connector 12-16AWG: WTW
More results

Description similaire - 9286-8E

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
CS9271-8I AVAGO-CS9271-8I Datasheet
604Kb / 2P
   Built on MegaRAID Technology
logo
Broadcom Corporation.
RAID9460-8I BOARDCOM-RAID9460-8I Datasheet
594Kb / 3P
   MegaRAID 9400 Series Tri-Mode Storage Adapters
9460-16I BOARDCOM-9460-16I Datasheet
594Kb / 3P
   MegaRAID 9400 Series Tri-Mode Storage Adapters
9440-8I BOARDCOM-9440-8I Datasheet
594Kb / 3P
   MegaRAID 9400 Series Tri-Mode Storage Adapters
logo
AVAGO TECHNOLOGIES LIMI...
9380-8E AVAGO-9380-8E Datasheet
253Kb / 2P
   Shared DAS High Availability with MegaRAID Data Protection
logo
Freescale Semiconductor...
PXD20FS FREESCALE-PXD20FS Datasheet
406Kb / 2P
   PXD20 Family Built on Power Architecture짰 Technology
logo
Lumileds Lighting Compa...
L128-6570EC3500001 LUMILEDS-L128-6570EC3500001 Datasheet
3Mb / 39P
   Perfected performance, built on a proven legacy
20201210
logo
Freescale Semiconductor...
PXS30FS FREESCALE-PXS30FS Datasheet
700Kb / 2P
   PXS30 Family Built on Power Architecture짰 Technology
logo
Lumileds Lighting Compa...
PB216 LUMILEDS-PB216 Datasheet
1Mb / 3P
   Perfected performance, built on a proven legacy
DS216 LUMILEDS-DS216 Datasheet
2Mb / 23P
   Perfected performance, built on a proven legacy
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com