Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVC164245 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74ALVC164245
Description  16-bit dual supply translating transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC164245 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVC164245_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVC164245_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVC164245_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVC164245_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVC164245_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVC164245_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVC164245_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVC164245_15 Datasheet HTML 11Page - NXP Semiconductors 74ALVC164245_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
74ALVC164245
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 8 — 15 March 2012
8 of 20
NXP Semiconductors
74ALVC164245
16-bit dual supply translating transceiver; 3-state
9.
Static characteristics
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Tamb = 40 C to +85 C
Tamb = 40 C to +125 C Unit
Min
Typ[1]
Max
Min
Typ[1]
Max
VIH
HIGH-level
input voltage
nBn port
VCC(B) = 3.0 V to 5.5 V
[2]
2.0
-
-
2.0
-
-
V
nAn port, nOE and nDIR
VCC(A) = 3.0 V to 3.6 V
2.0
-
-
2.0
-
-
V
VCC(A) = 2.3 V to 2.7 V
[2]
1.7
-
-
1.7
-
-
V
VIL
LOW-level
input voltage
nBn port
VCC(B) = 4.5 V to 5.5 V
[2]
--
0.8
-
-
0.8
V
VCC(B) = 3.0 V to 3.6 V
[2]
--
0.7
-
-
0.7
V
nAn port, nOE and nDIR
VCC(A) = 3.0 V to 3.6 V
-
-
0.8
-
-
0.8
V
VCC(A) = 2.3 V to 2.7 V
[2]
--
0.7
-
-
0.7
V
VOH
HIGH-level
output voltage
nBn port; VI =VIH or VIL
IO = 24 mA; VCC(B) = 4.5 V
VCC(B)  0.8
-
-
VCC(B)  1.2
-
-
V
IO = 12 mA; VCC(B) = 4.5 V
VCC(B)  0.5
-
-
VCC(B)  0.8
-
-
V
IO = 18 mA; VCC(B) = 3.0 V
VCC(B)  0.8
-
-
VCC(B)  1.0
-
-
V
IO = 100 A; VCC(B) = 3.0 V
VCC(B)  0.2 VCC(B)
-VCC(B)  0.3 VCC(B)
-V
nAn port; VI =VIH or VIL
IO = 24 mA; VCC(A) = 3.0 V
VCC(A)  0.7
-
-
VCC(A)  1.0
-
-
V
IO = 100 A; VCC(A) = 3.0 V
VCC(A)  0.2
-
-
VCC(A)  0.3
-
-
V
IO = 12 mA; VCC(A) = 2.7 V
VCC(A)  0.5
-
-
VCC(A)  0.8
-
-
V
IO = 8mA; VCC(A) = 2.3 V
VCC(A)  0.6
-
-
VCC(A)  0.6
-
-
V
IO = 100 A; VCC(A) = 2.3 V
VCC(A)  0.2 VCC(A)
-VCC(A)  0.3 VCC(A)
-V
VOL
LOW-level
output voltage
nBn port; VI =VIH or VIL
IO =24mA; VCC(B) = 4.5 V
-
-
0.55
-
-
0.60 V
IO = 12 mA; VCC(B) = 4.5 V
-
-
0.40
-
-
0.80 V
IO = 100 A; VCC(B) = 4.5 V
-
-
0.20
-
-
0.30 V
IO = 18 mA; VCC(B) = 3.0 V
-
-
0.55
-
-
0.80 V
IO = 100 A; VCC(B) = 3.0 V
-
-
0.20
-
-
0.30 V
nAn port; VI =VIH or VIL
IO = 24 mA; VCC(A) = 3.0 V
-
-
0.55
-
-
0.80 V
IO = 100 A; VCC(A) = 3.0 V
-
-
0.20
-
-
0.30 V
IO = 12 mA; VCC(A) = 2.7 V
-
-
0.40
-
-
0.60 V
IO = 12 mA; VCC(A) = 2.3 V
-
-
0.60
-
-
0.60 V
IO = 100 A; VCC(A) = 2.3 V
-
-
0.20
-
-
0.20 V
II
input leakage
current
VI =5.5 V orGND
-
0.1
5-
0.1
10 A
IOZ
OFF-state
output current
VI =VIH or VIL;
VO =VCC or GND
[3]
-
0.1
10
-
0.1
20 A


Numéro de pièce similaire - 74ALVC164245_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245BQ NXP-74ALVC164245BQ Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
74ALVC164245DGG PHILIPS-74ALVC164245DGG Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
74ALVC164245DGG PHILIPS-74ALVC164245DGG Datasheet
107Kb / 19P
   16-bit dual supply translating transciever; 3-state
Rev. 02-1 June 2004
74ALVC164245DGG NXP-74ALVC164245DGG Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
More results

Description similaire - 74ALVC164245_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245 NXP-74ALVC164245 Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
   16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
logo
NXP Semiconductors
74ALVC164245DL,112 NXP-74ALVC164245DL,112 Datasheet
282Kb / 20P
   74ALVC164245 16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
   1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
   4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com