Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVC125 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74ALVC125
Description  Quad buffer/line driver; 3-state
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC125 Fiches technique(HTML) 3 Page - NXP Semiconductors

  74ALVC125_15 Datasheet HTML 1Page - NXP Semiconductors 74ALVC125_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVC125_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVC125_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVC125_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVC125_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVC125_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVC125_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVC125_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
74ALVC125_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 10 January 2008
3 of 13
NXP Semiconductors
74ALVC125
Quad buffer/line driver; 3-state
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level
L = LOW voltage level
X= don’t care
Z = high-impedance OFF-state
7.
Limiting values
[1]
The minimum input voltage ratings may be exceeded if the input current ratings are observed.
[2]
When VCC = 0 V (Power-down mode), the output voltage can be 3.6 V in normal operation.
[3]
For SO14 packages: above 70
°C derate linearly with 8 mW/K.
For TSSOP14 packages: above 60
°C derate linearly with 5.5 mW/K.
For DHVQFN20 packages: above 60
°C derate linearly with 4.5 mW/K.
Table 2.
Pin description
Symbol
Pin
Description
nA
2, 5, 9, 12
data input
nY
3, 6, 8, 11
bus output
nOE
1, 4, 10, 13
output enable (active LOW)
VCC
14
supply voltage
GND
7
ground (0 V)
Table 3.
Function table[1]
Input
Output
nOE
nA
nY
LLL
LH
H
HX
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
−50
-
mA
VI
input voltage
[1]
−0.5
+4.6
V
IOK
output clamping current
VO >VCC or VO <0V
-
±50
mA
VO
output voltage
output HIGH or LOW state
[1][2]
−0.5
VCC + 0.5
V
output 3-state
−0.5
+4.6
V
Power-down mode, VCC = 0 V
[2]
−0.5
+4.6
V
IO
output current
VO = 0 V to VCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
−100
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +85 °C
[3] -
500
mW


Numéro de pièce similaire - 74ALVC125_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
logo
NXP Semiconductors
74ALVC125BQ NXP-74ALVC125BQ Datasheet
93Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 02-10 January 2008
logo
Nexperia B.V. All right...
74ALVC125BQ NEXPERIA-74ALVC125BQ Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
74ALVC125BQ-Q100 NEXPERIA-74ALVC125BQ-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
logo
NXP Semiconductors
74ALVC125D PHILIPS-74ALVC125D Datasheet
82Kb / 16P
   Quad buffer/line driver; 3-state
2002 Nov 18
More results

Description similaire - 74ALVC125_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
74ALVC125 NEXPERIA-74ALVC125 Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
logo
NXP Semiconductors
74LV125 PHILIPS-74LV125 Datasheet
111Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
74HC_HCT125 PHILIPS-74HC_HCT125_15 Datasheet
184Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 5-19 January 2015
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com