Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVC_ALVCH16245 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74ALVC_ALVCH16245
Description  16-bit transceiver with direction pin; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC_ALVCH16245 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVC_ALVCH16245_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVC_ALVCH16245_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVC_ALVCH16245_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVC_ALVCH16245_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVC_ALVCH16245_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVC_ALVCH16245_15 Datasheet HTML 11Page - NXP Semiconductors 74ALVC_ALVCH16245_15 Datasheet HTML 12Page - NXP Semiconductors 74ALVC_ALVCH16245_15 Datasheet HTML 13Page - NXP Semiconductors 74ALVC_ALVCH16245_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
9397 750 13117
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 May 2004
10 of 17
Philips Semiconductors
74ALVC16245; 74ALVCH16245
16-bit bus transceiver with direction pin; 3-state
11. Dynamic characteristics
[1]
All typical values are measured at Tamb =25 °C.
[2]
Typical values are measured at VCC = 2.5 V.
[3]
Typical values are measured at VCC = 3.3 V.
[4]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD = CPD × VCC2 × fi × N+ ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
∑ (C
L × VCC
2
× f
o) = sum of outputs.
[5]
The condition is VI = GND to VCC.
Table 8:
Dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); test circuit Figure 8.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
tPHL, tPLH
propagation delay nAn to nBn;
nBn to nAn
see Figure 6
VCC = 2.3 V to 2.7 V
[2] 1.0
2.0
3.7
ns
VCC = 3.0 V to 3.6 V
[3] 1.0
1.9
3.0
ns
VCC = 2.7 V
1.0
2.1
3.6
ns
tPZH, tPZL
3-state output enable time nOE to
nAn; nOE to nBn
see Figure 7
VCC = 2.3 V to 2.7 V
[2] 1.0
2.7
5.7
ns
VCC = 3.0 V to 3.6 V
[3] 1.0
2.3
4.4
ns
VCC = 2.7 V
1.0
3.0
5.4
ns
tPHZ, tPLZ
3-state output disable time nOE to
nAn; nOE to nBn
see Figure 7
VCC = 2.3 V to 2.7 V
[2] 1.0
2.2
5.2
ns
VCC = 3.0 V to 3.6 V
[3] 1.0
2.8
4.1
ns
VCC = 2.7 V
1.0
3.1
4.6
ns
CPD
power dissipation capacitance per
buffer
outputs enabled
[4] [5] -29
-
pF
outputs disabled
[4] [5] -5
-pF


Numéro de pièce similaire - 74ALVC_ALVCH16245_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVC_ALVCH16244 PHILIPS-74ALVC_ALVCH16244_15 Datasheet
91Kb / 20P
   2.5 V/3.3 V 16-bit buffer/line driver (3-state)
2003 May 14
More results

Description similaire - 74ALVC_ALVCH16245_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74ALVC16245 NEXPERIA-74ALVC16245 Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
logo
NXP Semiconductors
74AVC16245 PHILIPS-74AVC16245_15 Datasheet
134Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-31 January 2013
74AVCH16245 PHILIPS-74AVCH16245_15 Datasheet
137Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-8 January 2013
74AVCH16245 PHILIPS-74AVCH16245 Datasheet
88Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
logo
Nexperia B.V. All right...
74AVC16245-Q100 NEXPERIA-74AVC16245-Q100 Datasheet
760Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant 3-state
74AVC16245 NEXPERIA-74AVC16245 Datasheet
740Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 31 January 2013
74AVCH16245 NEXPERIA-74AVCH16245 Datasheet
745Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 8 January 2013
logo
NXP Semiconductors
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
74ALVC16245 PHILIPS-74ALVC16245 Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
74AVC16245 PHILIPS-74AVC16245 Datasheet
87Kb / 16P
   16-bit transceiver with direction pin; 3-state 3.6 V tolerant
1999 Nov 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com