Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVC_ALVCH16244 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74ALVC_ALVCH16244
Description  2.5 V/3.3 V 16-bit buffer/line driver (3-state)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC_ALVCH16244 Fiches technique(HTML) 5 Page - NXP Semiconductors

  74ALVC_ALVCH16244_15 Datasheet HTML 1Page - NXP Semiconductors 74ALVC_ALVCH16244_15 Datasheet HTML 2Page - NXP Semiconductors 74ALVC_ALVCH16244_15 Datasheet HTML 3Page - NXP Semiconductors 74ALVC_ALVCH16244_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVC_ALVCH16244_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVC_ALVCH16244_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVC_ALVCH16244_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVC_ALVCH16244_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVC_ALVCH16244_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2003 May 14
5
Philips Semiconductors
Product specification
2.5 V/3.3 V 16-bit buffer/line driver
(3-state)
74ALVC16244;
74ALVCH16244
handbook, halfpage
16244
MNA995
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
1OE
1Y0
1Y1
GND
1Y2
1Y3
VCC
2Y0
2Y1
GND
2Y2
2Y3
3Y0
3Y1
GND
3Y2
3Y3
VCC
4Y0
4Y1
GND
4Y2
4Y3
4OE
2OE
1A0
1A1
GND
1A2
1A3
VCC
2A0
2A1
GND
2A2
2A3
3A0
3A1
GND
3A2
3A3
VCC
4A0
4A1
GND
4A2
4A3
3OE
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
Fig.1 Pin configuration.
handbook, halfpage
43
44
46
47
1A0
1A1
1A2
1A3
1OE
2
3
1Y0
1Y1
1Y2
1Y3
5
6
1
32
33
35
36
3A0
3A1
3A2
3A3
3OE
13
14
3Y0
3Y1
3Y2
3Y3
16
17
25
MNA996
37
38
40
41
2A0
2A1
2A2
2A3
2OE
8
9
2Y0
2Y1
2Y2
2Y3
11
12
48
26
27
29
30
4A0
4A1
4A2
4A3
4OE
19
20
4Y0
4Y1
4Y2
4Y3
22
23
24
Fig.2 Logic symbol.


Numéro de pièce similaire - 74ALVC_ALVCH16244_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
   16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
More results

Description similaire - 74ALVC_ALVCH16244_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74ALVC16244 NEXPERIA-74ALVC16244 Datasheet
227Kb / 13P
   2.5 V / 3.3 V 16-bit buffer/line driver; 3-state
Rev. 6 - 22 July 2021
logo
NXP Semiconductors
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
74LVT16244B NXP-74LVT16244B_10 Datasheet
178Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 08-22 March 2010
74LVTN16244B PHILIPS-74LVTN16244B_15 Datasheet
193Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 5-2 April 2012
logo
Nexperia B.V. All right...
74LVTH16244B NEXPERIA-74LVTH16244B Datasheet
218Kb / 12P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
74LVTN16244B NEXPERIA-74LVTN16244B Datasheet
201Kb / 11P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 6 - 4 October 2018
logo
NXP Semiconductors
74LVT_LVTH16244B PHILIPS-74LVT_LVTH16244B_15 Datasheet
258Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 11-1 March 2012
74LVT16244B PHILIPS-74LVT16244B_06 Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
74LVTN16244B NXP-74LVTN16244B Datasheet
94Kb / 15P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 01-13 July 2009
74LVTN16244B NXP-74LVTN16244B_10 Datasheet
147Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 02-23 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com