Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD1048C Fiches technique(PDF) 2 Page - LDT Co., Ltd

No de pièce LD1048C
Description  10 bit PWM Controller 48Channel Output LED Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LDT [LDT Co., Ltd]
Site Internet  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1048C Fiches technique(HTML) 2 Page - LDT Co., Ltd

  LD1048C Datasheet HTML 1Page - LDT Co., Ltd LD1048C Datasheet HTML 2Page - LDT Co., Ltd LD1048C Datasheet HTML 3Page - LDT Co., Ltd LD1048C Datasheet HTML 4Page - LDT Co., Ltd LD1048C Datasheet HTML 5Page - LDT Co., Ltd LD1048C Datasheet HTML 6Page - LDT Co., Ltd LD1048C Datasheet HTML 7Page - LDT Co., Ltd LD1048C Datasheet HTML 8Page - LDT Co., Ltd LD1048C Datasheet HTML 9Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Ver1.0
2
LD71D1048C
10bit PWM Controller / 48 Channel Output LED DRIVER
LD71D1048 Revision History
2005.01.10
- First Version
1.0
Transfer Date
Contents
Version


Numéro de pièce similaire - LD1048C

FabricantNo de pièceFiches techniqueDescription
logo
LDT Co., Ltd
LD1048 LDT-LD1048 Datasheet
200Kb / 27P
   48 Channel Output LED DRIVER
More results

Description similaire - LD1048C

FabricantNo de pièceFiches techniqueDescription
logo
System Logic Semiconduc...
SL70D0948 SLS-SL70D0948 Datasheet
149Kb / 17P
   48 OUTPUT LED DRIVER / 9 BIT PWM CONTROLLER
logo
LDT Co., Ltd
LD1510 LDT-LD1510 Datasheet
389Kb / 25P
   3Channel Output LED Driver with 12 bit PWM Controller
logo
Mean Well Enterprises C...
IDPV-25 MEANWELL-IDPV-25 Datasheet
140Kb / 6P
   25W PWM Output LED Driver
IDLV-45 MEANWELL-IDLV-45 Datasheet
660Kb / 6P
   45W PWM Output LED Driver
IDLV-65 MEANWELL-IDLV-65 Datasheet
270Kb / 6P
   65W PWM Output LED Driver
IDPV-65 MEANWELL-IDPV-65 Datasheet
152Kb / 6P
   65W PWM Output LED Driver
IDPV-45 MEANWELL-IDPV-45 Datasheet
158Kb / 6P
   45W PWM Output LED Driver
ODLV-45 MEANWELL-ODLV-45 Datasheet
646Kb / 6P
   45W PWM Output LED Driver
ODLV-65 MEANWELL-ODLV-65 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
IDLV-25 MEANWELL-IDLV-25 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com