Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD1024 Fiches technique(PDF) 9 Page - LDT Co., Ltd

No de pièce LD1024
Description  Constant-Current LED Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LDT [LDT Co., Ltd]
Site Internet  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1024 Fiches technique(HTML) 9 Page - LDT Co., Ltd

Back Button LD1024 Datasheet HTML 5Page - LDT Co., Ltd LD1024 Datasheet HTML 6Page - LDT Co., Ltd LD1024 Datasheet HTML 7Page - LDT Co., Ltd LD1024 Datasheet HTML 8Page - LDT Co., Ltd LD1024 Datasheet HTML 9Page - LDT Co., Ltd LD1024 Datasheet HTML 10Page - LDT Co., Ltd LD1024 Datasheet HTML 11Page - LDT Co., Ltd LD1024 Datasheet HTML 12Page - LDT Co., Ltd LD1024 Datasheet HTML 13Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Ver2.1
9
LD1024
16-Channel, Constant-Current LED Driver with LED Open Detection
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
AC CHARACTERISTICS (V
DD=5.5)
(At Ta=-40oC to 85oC, CL=15pF, RL=100Ω, R
REXT=1.8KΩ, and VLED=5.5V )
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
CLK SPEED
fCLK (CLK)
CLK
40
MHZ
Pulse duration
t
WH0
CLK
10
ns
t
WL1
CLK
10
t
WH1
STROBE
20
t
WH2
OEB
20
t
WL2
OEB
20
Setup time
t
SU0
DIN–CLK↑
5
-
ns
t
SU1
STROBE↑–
CLK↑
100
-
Hold time
t
H0
DIN–CLK↑
5
-
ns
t
H1
STROBE↑–
CLK↑
10
-
Rise time
t
R0
DOUT
16
ns
t
R1
OUTn, V
DD = 5 V,
10
30
Fall time
t
F0
DOUT
16
ns
t
F1
OUTn, V
DD = 5 V
10
30
Propagation delay time
t
D0
CLK - DO (see
Figure 5)
8
20
ns
T
D1
OEB - OUT0 (see
Figure 5)
12
30
t
D2
STROBE or OEB
to OUTn sink
current off
12
30
Delay of Output
t
DLY
OUTn+1 - OUTn
2
ns
Output on-time error
t
ON_ERR
On/off latch data =
all ‘1’, 20ns OEB
low level one-shot
pulse input
-8
-8
ns


Numéro de pièce similaire - LD1024

FabricantNo de pièceFiches techniqueDescription
logo
LDT Co., Ltd
LD1022 LDT-LD1022 Datasheet
435Kb / 26P
   16 Channel Constant Current LED Driver
LD1022SP LDT-LD1022SP Datasheet
435Kb / 26P
   16 Channel Constant Current LED Driver
LD1022SS LDT-LD1022SS Datasheet
435Kb / 26P
   16 Channel Constant Current LED Driver
logo
List of Unclassifed Man...
LD1026 ETC1-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
logo
Marl International Limi...
LD1026 MARL-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
More results

Description similaire - LD1024

FabricantNo de pièceFiches techniqueDescription
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com