Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM15EW-2415SH30IZ Fiches technique(PDF) 2 Page - AIMTEC

No de pièce AM15EW-2415SH30IZ
Description  15 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15EW-2415SH30IZ Fiches technique(HTML) 2 Page - AIMTEC

  AM15EW-2415SH30IZ Datasheet HTML 1Page - AIMTEC AM15EW-2415SH30IZ Datasheet HTML 2Page - AIMTEC AM15EW-2415SH30IZ Datasheet HTML 3Page - AIMTEC AM15EW-2415SH30IZ Datasheet HTML 4Page - AIMTEC AM15EW-2415SH30IZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM15EW-IZ
15 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.G
2 of 5
North America only
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
48
110
9-36
18-75
36-160
VDC
Filter
 (Pi) Network
Absolute Maximum Rating
24 Vin
48 Vin
110 Vin
50
100
220
VDC
Permissible absolute maximum duration
100
ms
Input Voltage variation
dv/dt
5
VDC
Remote On/Off control
ON – TTL high or open circuit;
OFF – TTL low or short circuit
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
1500 & 3000
VDC
Resistance
> 1000
MOhm
Capacitance
1800
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Short Circuit protection
Continuous
Short Circuit restart
Auto recovery
Over voltage protection
Zener diode clamp protection
Over load protection
Auto recovery
Over 110% full load
Line voltage regulation (Single)
HL-LL
±0.5
%
Line voltage regulation (Dual)
HL-LL
±0.5
%
Load voltage regulation (Single)
0-100%
±0.5
%
Load voltage regulation (Dual)
0-100%
±2
%
Temperature coefficient
±0.05
%/oC
Recommended Input Fuse (slow blow)
24 Vin
4A/250V
48 Vin
2A/250V
110 Vin
1A/250V
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
200
KHz
Operating temperature
With derating above +50
-40 to +85
oC
Storage temperature
-55 to +115
oC
Max Case temperature
95
oC
Cooling
Free air convection
Humidity
95
%
Case material
Nickel coated copper with non-conductive base
Weight
33
g
Dimensions(L x W x H)
Tolerance ±0.5mm
2.00 x 1.00 x 0.40 inches
50.80 x 25.40 x 10.50 mm
MTBF
> 800 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
Soldering Temperature
For max 10 sec
260
oC


Numéro de pièce similaire - AM15EW-2415SH30IZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM15EW-2415SH30IZ AIMTEC-AM15EW-2415SH30IZ Datasheet
541Kb / 4P
   15 Watt | DC-DC Converter
More results

Description similaire - AM15EW-2415SH30IZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-NZ AIMTEC-AM15EW-NZ Datasheet
201Kb / 4P
   15 Watt | DC-DC Converter
AM15W-NZ AIMTEC-AM15W-NZ Datasheet
149Kb / 4P
   15 Watt | DC-DC Converter
AM15E-Z AIMTEC-AM15E-Z_13 Datasheet
424Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-I AIMTEC-AM15EW-I Datasheet
123Kb / 2P
   15 Watt | DC-DC Converter
logo
Wall Industries,Inc.
YFW15 WALL-YFW15 Datasheet
130Kb / 3P
   15 Watt DC/DC Converter
DM WALL-DM Datasheet
162Kb / 3P
   15 Watt DC/DC Converter
logo
AIMTEC
AM15E-IZ AIMTEC-AM15E-IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com