Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM15EW-2415SH30IZ Datasheet(Fiches technique) 1 Page - AIMTEC

Numéro de pièce AM15EW-2415SH30IZ
Description  15 Watt | DC-DC Converter
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  http://www.aimtec.ca
Logo AIMTEC - AIMTEC

AM15EW-2415SH30IZ Datasheet(HTML) 1 Page - AIMTEC

  AM15EW-2415SH30IZ Datasheet HTML 1Page - AIMTEC AM15EW-2415SH30IZ Datenblatt HTML 2Page - AIMTEC AM15EW-2415SH30IZ Datenblatt HTML 3Page - AIMTEC AM15EW-2415SH30IZ Datenblatt HTML 4Page - AIMTEC AM15EW-2415SH30IZ Datenblatt HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM15EW-IZ
15 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.G
1 of 5
North America only
FEATURES:
Models
Single output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current max
(A)
Ripple &
Noise
Typ
(mVp-p)
Max
Capacitive
load
(µF)
Isolation
(VDC)
Efficiency
(%)
AM15EW-2403SIZ
9-36
3.3
4
80
8100
1500
77
AM15EW-2405SIZ
9-36
5
3
80
4700
1500
80
AM15EW-2412SIZ
9-36
12
1.25
120
680
1500
85
AM15EW-2415SIZ
9-36
15
1
150
470
1500
84
AM15EW-4803SIZ
18-75
3.3
4
80
8100
1500
77
AM15EW-4805SIZ
18-75
5
3
80
4700
1500
80
AM15EW-4812SIZ
18-75
12
1.25
120
680
1500
85
AM15EW-4815SIZ
18-75
15
1
150
470
1500
84
AM15EW-11005SIZ
36-160
5
3
80
4700
1500
80
AM15EW-11012SIZ
36-160
12
1.25
120
680
1500
82
AM15EW-11015SIZ
36-160
15
1
150
470
1500
80
AM15EW-11024SIZ
36-160
24
0.625
240
220
1500
80
AM15EW-2403SH30IZ
9-36
3.3
4
80
8100
3000
74
AM15EW-2405SH30IZ
9-36
5
3
80
4700
3000
78
AM15EW-2412SH30IZ
9-36
12
1.25
120
680
3000
80
AM15EW-2415SH30IZ
9-36
15
1
150
470
3000
83
AM15EW-4803SH30IZ
18-75
3.3
4
80
8100
3000
76
AM15EW-4805SH30IZ
18-75
5
3
80
4700
3000
75
AM15EW-4812SH30IZ
18-75
12
1.25
120
680
3000
79
AM15EW-4815SH30IZ
18-75
15
1
150
470
3000
83
Models
Dual output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current max
(A)
Ripple &
Noise
Typ
(mVp-p)
Max
Capacitive
load
(µF)
Isolation
(VDC)
Efficiency
(%)
AM15EW-2405DIZ
9-36
±5
±1.5
80
±2300
1500
80
AM15EW-2412DIZ
9-36
±12
±0.625
120
±340
1500
85
AM15EW-2415DIZ
9-36
±15
±0.5
150
±230
1500
84
AM15EW-4805DIZ
18-72
±5
±1.5
80
±2300
1500
80
AM15EW-4812DIZ
18-72
±12
±0.625
120
±340
1500
85
AM15EW-4815DIZ
18-72
±15
±0.5
150
±230
1500
84
AM15EW-11005DIZ
36-160
±5
±1.5
80
±2300
1500
78
AM15EW-11012DIZ
36-160
±12
±0.62
120
±340
1500
80
AM15EW-11015DIZ
36-160
±15
±0.5
150
±230
1500
81
AM15EW-2405DH30IZ
9-36
±5
±1.5
80
±2300
3000
79
AM15EW-2412DH30IZ
9-36
±12
±0.62
120
±340
3000
83
AM15EW-2415DH30IZ
9-36
±15
±0.5
150
±230
3000
83
AM15EW-4805DH30IZ
18-72
±5
±1.5
80
±2300
3000
78
AM15EW-4812DH30IZ
18-72
±12
±0.62
120
±340
3000
80
AM15EW-4815DH30IZ
18-72
±15
±0.5
150
±230
3000
82
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified.
 RoHS compliant
 Power modules for PCB mounting
 Wide 4:1 input range
 Regulated output
 Low ripple and noise
 Operating temperature range: -40 to +85ºC
 Remote On/Off control
 OVP, OLP and SCP
Click on Series name for product info on aimtec.com


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn