Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM15E-1205SH30IZ Fiches technique(PDF) 2 Page - AIMTEC

No de pièce AM15E-1205SH30IZ
Description  15 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  http://www.aimtec.ca
Logo AIMTEC - AIMTEC

AM15E-1205SH30IZ Fiches technique(HTML) 2 Page - AIMTEC

  AM15E-1205SH30IZ Datasheet HTML 1Page - AIMTEC AM15E-1205SH30IZ Datasheet HTML 2Page - AIMTEC AM15E-1205SH30IZ Datasheet HTML 3Page - AIMTEC AM15E-1205SH30IZ Datasheet HTML 4Page - AIMTEC AM15E-1205SH30IZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM15E-IZ
15 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
2 of 5
North America only
Models
Dual output (continued)
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
max
(A)
Max.
Capacitive
load
(µF)
Ripple &
Noise
typ
Isolation
(VDC)
Efficiency
(%)
AM15E-1215DH30IZ
9-18
±15
±0.5
±230
150mVp-p
3000
81
AM15E-2405DH30IZ
18-36
±5
±1.5
±2300
50mVp-p
3000
80
AM15E-2412DH30IZ
18-36
±12
±0.62
±340
120mVp-p
3000
82
AM15E-2415DH30IZ
18-36
±15
±0.5
±230
150mVp-p
3000
84
AM15E-4805DH30IZ
36-75
±5
±1.5
±2300
50mVp-p
3000
76
AM15E-4812DH30IZ
36-75
±12
±0.62
±340
120mVp-p
3000
83
AM15E-4815DH30IZ
36-75
±15
±0.5
±230
150mVp-p
3000
85
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
9-18
VDC
24
18-36
48
37-75
Filter
 (Pi) Network
Remote On/Off Control
On
3.5 to 12VDC or open circuit
Off
0 to 1.2VDC or short circuit between pin 2 and 4; typical idle current 3mA
Absolute Maximum Rating
12 Vin
25
VDC
24 Vin
50
48 Vin
100
Permissible absolute maximum duration
2
h
Recommended Input Fuse (slow blow)
12 Vin
4A/250V
24 Vin
2A/250V
48 Vin
1A/250V
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
3 sec
1500 & 3000
VDC
Resistance
> 1000
MOhm
Capacitance
1000
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Short Circuit protection
Continuous
Short Circuit restart
Auto recovery
Over voltage protection
Zener diode clamp protection
Over load protection
Over 110% full load with auto-recovery
Line voltage regulation
HL-LL
±0.5
%
Load voltage regulation (Single)
0-100%
±0.5
%
Load voltage regulation (Dual)
0-100%
±2
%
Temperature coefficient
±0.05
%/oC
Transient response recovery time
25% load step change
300
uS


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn