Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMAX-1756-AE Fiches technique(PDF) 1 Page - Advantech Co., Ltd.

No de pièce AMAX-1756-AE
Description  Open Frame Type 32-ch Isolated Digital Input/Output Slave Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADVANTECH [Advantech Co., Ltd.]
Site Internet  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMAX-1756-AE Fiches technique(HTML) 1 Page - Advantech Co., Ltd.

  AMAX-1756-AE Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Motion Control
Features
AMAX-1752
AMAX-1754
AMAX-1756
Specifications
Isolated Digital Input
ƒ
Channels
AMAX-1752: 32
AMAX-1756: 16
ƒ
Input Type
Dry contact
ƒ
Isolation Protection
2,500 VRMS
ƒ
Opto-Isolator Response 100 μs (max.)
ƒ
Input Resistance
3.2k
Ω
Isolated Digital Output
ƒ
Channels
AMAX-1754: 32
AMAX-1756: 16
ƒ
Output Type
Sink (NPN) (open collector Darlington transistors)
ƒ
Isolation Protection
2,500 VRMS
ƒ
Output Voltage
10 ~ 30 VDC
ƒ
Sink Current
1 ch: 500 mA (1 port)
General
ƒ
Bus Type
AMONet RS-485
ƒ
Certification
CE, FCC Class A
ƒ
Connectors
(1) RJ-45 x 2 are for communication port
(2) I/O points use screw terminal type connector
ƒ
Dimensions
141 x 95 x 60 mm (5.6" x 3.7" x 2.4")
ƒ
Power Consumption
600mW typical, 2 W max.
ƒ
Power Input
24 VDC within 200 mA ripple
ƒ
Power Supply for DIO
10 ~ 30 VDC (2A max)
ƒ
Humidity
5 ~ 95% RH, non-condensing (IEC 60068-2-3)
ƒ
Operating Temperature 0 ~ 60°C (32 ~ 140°F)
Ordering Information
ƒ
AMAX-1752-AE
Open Frame Type 32-ch Isolated Digital Input
AMONet Module
ƒ
AMAX-1754-AE
Open Frame Type 32-ch Isolated Digital Output
AMONet Module
ƒ
AMAX-1756-AE
Open Frame Type 16/16-ch Isolated Digital I/O
AMONet Module
Introduction
The AMAX-1752, AMAX-1754 and AMAX-1756 are compact open frame designs for horizontal placement, on-board screw terminal for direct wiring and on-board easily-visible LED
indicators are for system diagnosis. All the digital I/O slave modules could be connected and distributed by standard LAN cables thereby saving wiring costs and maintenance. Three
models are introduced: 32-ch digital input (AMAX-1752), 32-ch digital output (AMAX-1754) and 16-ch digital input/output (AMAX-1756). According to maximum communication
baud rate, 2048 I/O points can be scanned and updated within 1.04 ms.
ƒ Communication baud rate, 2.5Mbps, 5Mbps, 10Mbps and 20Mbps are
supported and switchable
ƒ Onboard screw terminal for direct wiring
ƒ 2,500 VRMS Isolation voltage
ƒ Suitable for DIN-rail mounting
ƒ BoardID is switchable
ƒ Easily visible LED indicators on board to do diagnosis
Open Frame Type 32-ch Isolated Digital
Input/Output Slave Modules
NEW
AMAX-1752
AMAX-1754
AMAX-1756
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 5-May-2015


Numéro de pièce similaire - AMAX-1756-AE

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
AMAX-1756-AE ADVANTECH-AMAX-1756-AE Datasheet
292Kb / 1P
   Open Frame Type 32-ch Isolated Digital Input/Output Slave Modules
27-Jul-2016
More results

Description similaire - AMAX-1756-AE

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
AMAX-1752 ADVANTECH-AMAX-1752 Datasheet
292Kb / 1P
   Open Frame Type 32-ch Isolated Digital Input/Output Slave Modules
27-Jul-2016
AMAX-2752SY ADVANTECH-AMAX-2752SY Datasheet
598Kb / 2P
   32-ch Isolated Digital Input/Output Slave Modules
AMAX-2752SY ADVANTECH-AMAX-2752SY_14 Datasheet
240Kb / 1P
   32-ch Isolated Digital Input/Output Slave Modules
AMAX-2750SY ADVANTECH-AMAX-2750SY Datasheet
327Kb / 1P
   32-ch Isolated Digital Input/Output Slave Modules
19-Mar-2014
AMAX-1220 ADVANTECH-AMAX-1220_15 Datasheet
204Kb / 1P
   Open Frame Type 2/ 4-axis AMONet Motion Slave Modules
PCL-733 ADVANTECH-PCL-733 Datasheet
208Kb / 1P
   32-ch Isolated Digital Input Card with PCI Interface
AMAX-4830 ADVANTECH-AMAX-4830 Datasheet
473Kb / 1P
   16-ch Isolated Digital Input and 16-ch Isolated Digital
24-Dec-2018
PCL-734 ADVANTECH-PCL-734 Datasheet
215Kb / 1P
   32-ch Isolated Digital Output Card with PCI Interface
USB-5830 ADVANTECH-USB-5830 Datasheet
611Kb / 1P
   16-ch Isolated Digital Input and 16-ch Isolated Digital Output USB 3.0 I/O module
27-Jun-2018
PCIE-1730 ADVANTECH-PCIE-1730_V01 Datasheet
390Kb / 1P
   32-Ch TTL, 32-Ch Isolated Digital I/O PCIe Card
27-Jun-2018
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com