Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM10T-4815SIZ Datasheet(Fiches technique) 2 Page - AIMTEC

Numéro de pièce AM10T-4815SIZ
Description  10 Watt | DC-DC Converter
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  http://www.aimtec.ca
Logo AIMTEC - AIMTEC

AM10T-4815SIZ Datasheet(HTML) 2 Page - AIMTEC

  AM10T-4815SIZ Datenblatt HTML 1Page - AIMTEC AM10T-4815SIZ Datasheet HTML 2Page - AIMTEC AM10T-4815SIZ Datenblatt HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM10T-IZ
10 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
2 of 3
North America only
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
1500
VDC
Resistance
> 1000
MOhm
Capacitance
470
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Short Circuit protection
Continuous
Short Circuit restart
Auto recovery
Over voltage protection
Zener diode clamp
>110%
VDC
Over load protection
Auto recovery
Over 110% full load
Line voltage regulation
HL-LL
±0.5
%
Load voltage regulation (Single)
0 – 100% full load
±0.5
%
Load voltage regulation (Dual)
0 – 100% full load
±2
%
Temperature coefficient
±0.05
%/
oC
Ripple & Noise
3.3 & 5V models
12 & 15V models
80 mV p-p
1% Vout p-p
mV
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
300
KHz
Operating temperature
Derating above +50
oC
-40 to +75
oC
Storage temperature
-55 to +115
oC
Case Temperature
+95
oC
Cooling
Free air convection
Humidity
95
%
Case material
Nickel coated cooper
Weight
18
g
Dimensions (L x W x H)
Tolerance ±0.02 inch, ±0.5mm
1.25 x 0.80 x 0.40 inches
31.80 x 20.30 x 10.20 mm
MTBF
> 700 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Safety Specifications
Standards
Agency approvals
UL (pending)
Safety
EN 55022, class A
EN 55024


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn