Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM1N1212SH60NZ Fiches technique(PDF) 1 Page - AIMTEC

No de pièce AM1N1212SH60NZ
Description  1 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1N1212SH60NZ Fiches technique(HTML) 1 Page - AIMTEC

  AM1N1212SH60NZ Datasheet HTML 1Page - AIMTEC AM1N1212SH60NZ Datasheet HTML 2Page - AIMTEC AM1N1212SH60NZ Datasheet HTML 3Page - AIMTEC AM1N1212SH60NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM1N-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6.H
1 of 4
North America only
FEATURES:
 RoHS Compliant
 Operating Temperature -40oC to + 85oC
 24 Pin Dip Package
Input / Output Isolation 6000 VDC
 Low Profile Plastic Package
Pin Compatible With Multiple Manufacturers
 High Efficiency up to 80%
UL94-VO Package
Models
Single output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current max
(mA)
Isolation
(VDC)
Input Current
Full Load | No
Load (mA)
Max
Capacitive
Load (µF)
Efficiency
(%)
AM1N-0505SH60-NZ
4.5-5.5
5
200
6000
263 | 25
220
76
AM1N-0509SH60-NZ
4.5-5.5
9
111
6000
263 | 25
220
80
AM1N-1205SH60-NZ
10.8-13.2
5
200
6000
110 | 15
220
77
AM1N-1209SH60-NZ
10.8-13.2
9
111
6000
110 | 15
220
80
AM1N-1212SH60-NZ
10.8-13.2
12
84
6000
110 | 15
220
79
AM1N-1215SH60-NZ
10.8-13.2
15
67
6000
110 | 15
220
79
Models
Dual output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current Max
(mA)
Isolation
(VDC)
Input Current
Full Load | No
Load (mA)
Max
Capacitive
Load (µF)
Efficiency
(%)
AM1N-0505DH60-NZ
4.5-5.5
±5
±100
6000
263 | 25
100
76
AM1N-0509DH60-NZ
4.5-5.5
±9
±55
6000
263 | 25
100
78
AM1N-0512DH60-NZ
4.5-5.5
±12
±42
6000
263 | 25
100
79
AM1N-1205DH60-NZ
10.8-13.2
±5
±100
6000
110 | 15
100
76
AM1N-1212DH60-NZ
10.8-13.2
±12
±42
6000
110 | 15
100
78
AM1N-1215DH60-NZ
10.8-13.2
±15
±33
6000
110 | 15
100
79
NOTE: All specifications are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise
specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
12
4.5-5.5
10.8-13.2
VDC
Filter
Capacitor
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
6000
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
See tolerance envelope graph
Short Circuit protection
Continuous with Auto Recovery
Line voltage regulation (Single)
For 1.0% of Vin
±1.2
%
Line voltage regulation (Dual)
For 1.0% of Vin
±1.2
%
Load voltage regulation (Single)
Load 10 – 100%
10
%
Load voltage regulation (Dual)
Load 10 – 100%
10
%
Temperature coefficient
±0.03
%/oC
Ripple & Noise
At 20MHz Bandwidth
100
mV p-p
Click on Series name for product info on aimtec.com


Numéro de pièce similaire - AM1N1212SH60NZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM1N-0505DH60-N AIMTEC-AM1N-0505DH60-N Datasheet
423Kb / 3P
   1 watt dc-dc converters
AM1N-0505DH60-NZ AIMTEC-AM1N-0505DH60-NZ Datasheet
158Kb / 3P
   1 Watt | DC-DC Converter
AM1N-0505SH60-N AIMTEC-AM1N-0505SH60-N Datasheet
423Kb / 3P
   1 watt dc-dc converters
AM1N-0505SH60-NZ AIMTEC-AM1N-0505SH60-NZ Datasheet
158Kb / 3P
   1 Watt | DC-DC Converter
AM1N-0509DH60-N AIMTEC-AM1N-0509DH60-N Datasheet
423Kb / 3P
   1 watt dc-dc converters
More results

Description similaire - AM1N1212SH60NZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com