Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MAX1624 Fiches technique(PDF) 6 Page - Maxim Integrated Products

No de pièce MAX1624
Description  High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1624 Fiches technique(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1624 Datasheet HTML 2Page - Maxim Integrated Products MAX1624 Datasheet HTML 3Page - Maxim Integrated Products MAX1624 Datasheet HTML 4Page - Maxim Integrated Products MAX1624 Datasheet HTML 5Page - Maxim Integrated Products MAX1624 Datasheet HTML 6Page - Maxim Integrated Products MAX1624 Datasheet HTML 7Page - Maxim Integrated Products MAX1624 Datasheet HTML 8Page - Maxim Integrated Products MAX1624 Datasheet HTML 9Page - Maxim Integrated Products MAX1624 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
10
µs/div
MAX1624
LOAD-TRANSIENT RESPONSE
(WITH GLITCHCATCHER)
(3.5V)
C
A: VOUT, 100mV/div, AC COUPLED
B: INDUCTOR CURRENT, 10A/div
C: LOAD CURRENT, 0A TO 11A, tRISE = tFALL = 100ns
B
A
LG = REF
1
µs/div
MAX1624
SWITCHING WAVEFORMS
C
0
VIN = 5V, VOUT = 2.5V, LOAD = 5A
A: LX, 5V/div
B: VOUT, 20mV/div, AC COUPLED
C: INDUCTOR CURRENT, 5A/div
B
A
1ms/div
MAX1624
STARTUP AND STANDBY RESPONSE
C
VIN = 5V, VOUT = 2.5V, LOAD = 13.8A
A: VOUT, 1V/div
B: INDUCTOR CURRENT, 10A/div
C: STANDBY, D0–D4
B
A
High-Speed Step-Down Controllers with
Synchronous Rectification for CPU Power
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, using the MAX1624 evaluation kit, unless otherwise noted.)
100
0
0.1
1
10
MAX1624
EFFICIENCY vs. OUTPUT CURRENT
(VOUT = 1.1V)
20
10
OUTPUT CURRENT (A)
40
30
60
70
50
80
90
100
0
0.1
1
10
MAX1624
EFFICIENCY vs. OUTPUT CURRENT
(VOUT = 2.5V)
20
10
OUTPUT CURRENT (A)
40
30
60
70
50
80
90
100
0
0.1
1
10
MAX1624
EFFICIENCY vs. OUTPUT CURRENT
(VOUT = 3.5V)
20
10
OUTPUT CURRENT (A)
40
30
60
70
50
80
90


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn