Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYC10X-600P Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce BYC10X-600P
Description  Hyperfast power diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC10X-600P Fiches technique(HTML) 6 Page - NXP Semiconductors

  BYC10X-600P_15 Datasheet HTML 1Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 2Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 3Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 4Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 5Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 6Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 7Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 8Page - NXP Semiconductors BYC10X-600P_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NXP Semiconductors
BYC10X-600P
Hyperfast power diode
BYC10X-600P
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
9 May 2014
6 / 9
12. Package outline
A
A1
c
Q
k(3)
j(3)
m
z(2)
e
1
2
b
E
P
b1
q
D
T(4)
HE
L
L1(1)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOD113A
2 LEADS TO220F
sod113a_po
14-01-14
14-04-10
Unit
mm
max
nom
min
4.6
3.1
1.1
0.7 15.8 10.3
19.0
2.8
A
Dimensions (mm are the original dimensions)
Note
1. Terminals are uncontrolled within zone L1.
2. z is depth of T.
3. Dot lines area designs may vary.
4. Eject pin mark is for reference only.
Plastic single-ended package; isolated heasink mounted;
1 mounting hole; 2-lead TO-220F 'full pack'
SOD113A
A1
b
0.9
b1
c
D
E
0.4
0.8
W
z(2)
e
5.08
HE
max
j(3)
k(3)
L
L1(1) m
6.5
P
3.2
2.6
Q
q
2.55
1.7
13.5
0.4
2.8
4.0
2.5
0.9
0.4 15.2 9.7
2.3
0.7
6.3
3.0
2.7
14.4
0.8
3.3
T(4)
0
5
10 mm
scale
w
Fig. 8. Package outline TO-220F (SOD113A)


Numéro de pièce similaire - BYC10X-600P_15

FabricantNo de pièceFiches techniqueDescription
logo
WeEn Semiconductors
BYC10X-600P WEEN-BYC10X-600P Datasheet
460Kb / 10P
   Hyperfast power diode
logo
Inchange Semiconductor ...
BYC10X-600P ISC-BYC10X-600P Datasheet
307Kb / 2P
   Ultrafast Rectifier
More results

Description similaire - BYC10X-600P_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BYC8D-600 PHILIPS-BYC8D-600_15 Datasheet
162Kb / 11P
   Hyperfast power diode
Rev. 01-27 December 2010
BYC10-600P PHILIPS-BYC10-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20D-600P PHILIPS-BYC20D-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20X-600P PHILIPS-BYC20X-600P_15 Datasheet
185Kb / 9P
   Hyperfast power diode
4 February 2013
BYC8-600P PHILIPS-BYC8-600P_15 Datasheet
182Kb / 9P
   Hyperfast power diode
3 January 2014
logo
WeEn Semiconductors
BYC5-1200P WEEN-BYC5-1200P Datasheet
338Kb / 10P
   Hyperfast power diode
BYC5D-500 WEEN-BYC5D-500 Datasheet
434Kb / 12P
   Hyperfast power diode
BYC5DX-500 WEEN-BYC5DX-500 Datasheet
367Kb / 12P
   Hyperfast power diode
BYC8-1200P WEEN-BYC8-1200P Datasheet
339Kb / 10P
   Hyperfast power diode
BYC15X-600P WEEN-BYC15X-600P Datasheet
452Kb / 10P
   Hyperfast power diode
BYC20D-600P WEEN-BYC20D-600P Datasheet
432Kb / 10P
   Hyperfast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com