Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLML6346PBF Fiches technique(PDF) 6 Page - International Rectifier

No de pièce IRLML6346PBF
Description  RoHS compliant containing no lead, no bromide and no halogen
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRLML6346PBF Fiches technique(HTML) 6 Page - International Rectifier

Back Button IRLML6346PBF Datasheet HTML 2Page - International Rectifier IRLML6346PBF Datasheet HTML 3Page - International Rectifier IRLML6346PBF Datasheet HTML 4Page - International Rectifier IRLML6346PBF Datasheet HTML 5Page - International Rectifier IRLML6346PBF Datasheet HTML 6Page - International Rectifier IRLML6346PBF Datasheet HTML 7Page - International Rectifier IRLML6346PBF Datasheet HTML 8Page - International Rectifier IRLML6346PBF Datasheet HTML 9Page - International Rectifier IRLML6346PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRLML6346TRPbF
6
www.irf.com
Fig 13. Typical On-Resistance vs. Drain
Current
Fig 12. Typical On-Resistance vs. Gate
Voltage
Fig 14b. Gate Charge Test Circuit
Fig 14a. Basic Gate Charge Waveform
1K
VCC
DUT
0
L
S
20K
Vds
Vgs
Id
Vgs(th)
Qgs1
Qgs2
Qgd
Qgodr
1
2
3
4
5
6
7
8
9 10 11 12
VGS, Gate -to -Source Voltage (V)
40
50
60
70
80
90
100
110
ID = 3.4A
TJ = 25°C
TJ = 125°C
0
2
4
6
8
10
12
14
16
18
ID, Drain Current (A)
40
50
60
70
80
90
Vgs = 2.5V
Vgs = 4.5V


Numéro de pièce similaire - IRLML6346PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLML6346PBF IRF-IRLML6346PBF Datasheet
218Kb / 10P
   HEXFET Power MOSFET
More results

Description similaire - IRLML6346PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFH9310PBF IRF-IRFH9310PBF_15 Datasheet
296Kb / 9P
   RoHS Compliant Containing no Lead, no Bromide and no Halogen
IRLTS6342PBF IRF-IRLTS6342PBF_15 Datasheet
258Kb / 8P
   RoHS Compliant Containing no Lead, no Bromide and no Halogen
logo
Infineon Technologies A...
IRFH9310 INFINEON-IRFH9310 Datasheet
296Kb / 9P
   RoHS Compliant Containing no Lead, no Bromide and no Halogen
2014-08-26
logo
International Rectifier
IRF6713STR1PBF IRF-IRF6713STR1PBF Datasheet
236Kb / 9P
   ROHS Compliant Containing No Lead and Bromide
IRF8308MTRPBF IRF-IRF8308MTRPBF Datasheet
277Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MTRPBF IRF-IRF6894MTRPBF Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MPBF IRF-IRF6894MPBF_15 Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6722S1PBF IRF-IRF6722S1PBF Datasheet
270Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6718L2PBF IRF-IRF6718L2PBF_15 Datasheet
236Kb / 10P
   RoHS Compliant Containing No Lead and Bromide
IRF6726MPBF IRF-IRF6726MPBF_15 Datasheet
262Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com