Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLHS6276PBF Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRLHS6276PBF
Description  Compatible with Existing Surface Mount Techniques
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRLHS6276PBF Fiches technique(HTML) 1 Page - International Rectifier

  IRLHS6276PBF_15 Datasheet HTML 1Page - International Rectifier IRLHS6276PBF_15 Datasheet HTML 2Page - International Rectifier IRLHS6276PBF_15 Datasheet HTML 3Page - International Rectifier IRLHS6276PBF_15 Datasheet HTML 4Page - International Rectifier IRLHS6276PBF_15 Datasheet HTML 5Page - International Rectifier IRLHS6276PBF_15 Datasheet HTML 6Page - International Rectifier IRLHS6276PBF_15 Datasheet HTML 7Page - International Rectifier IRLHS6276PBF_15 Datasheet HTML 8Page - International Rectifier IRLHS6276PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
Notes
 through † are on page 2
Features and Benefits
Applications
Charge and discharge switch for battery application
Load/System Switch
VDS
20
V
VGS
±12
V
RDS(on) max
(@VGS = 4.5V)
45
m
RDS(on) max
(@VGS = 2.5V)
62
m
ID
(@Tc(Bottom) = 25°C)
3.4
d
A
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 4.5V
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 4.5V
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 4.5V (Package Limited)
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
f
PD @TC(Bottom) = 25°C
Power Dissipation
f
Linear Derating Factor
f
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
V
W
A
°C
Max.
4.5
d
6.1
d
40
±12
20
3.6
d
9.6
d
3.4
d
-55 to + 150
1.5
0.012
6.6
2mm x 2mm Dual PQFN
D2
G1
S1
S2
G2
D1
D1
D2
Features
Resulting Benefits
Low RDSon (≤ 45mΩ)
Lower Conduction Losses
Low Thermal Resistance to PCB (
≤ 19°C/W)
Enable better thermal dissipation
Low Profile (
≤ 1.0mm)
results in
Increased Power Density
Industry-Standard Pinout
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
IRLHS6276PbF
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
January 13, 2014
Note
Form
Quantity
IRLHS6276TRPBF
PQFN Dual 2mm x 2mm
Tape and Reel
4000
IRLHS6276TR2PBF
PQFN Dual 2mm x 2mm
Tape and Reel
400
EOL notice #259
Orderable part number
Package Type
Standard Pack


Numéro de pièce similaire - IRLHS6276PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLHS6276PBF IRF-IRLHS6276PBF Datasheet
230Kb / 9P
   HEXFET Power MOSFET
More results

Description similaire - IRLHS6276PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com